Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 40 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 40 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation IO4-168P Datasheet HTML 38Page - Amphenol Corporation IO4-168P Datasheet HTML 39Page - Amphenol Corporation IO4-168P Datasheet HTML 40Page - Amphenol Corporation IO4-168P Datasheet HTML 41Page - Amphenol Corporation IO4-168P Datasheet HTML 42Page - Amphenol Corporation IO4-168P Datasheet HTML 43Page - Amphenol Corporation IO4-168P Datasheet HTML 44Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
36
Other Brush Contact Rectangular Connectors
HSB3 High Density Series with
3.125 Gb/s High Speed data rate
For more information refer to Amphenol® brochure SL-402, on-line
at www.amphenol-aerospace.com. or call 800-678-0141 and ask
for Amphenol board level product marketing for assistance.
HSB3 CONNECTORS
The HSB3 is a further new development of the higher density HDB3
connector series. The HSB3 offers higher speed as well as higher
density. Benefits include:
Allows data rates up to 3.125 Gb/s via 100 ohm matched
•
impedance differential pairs
Uses partially populated HDB
•
3 mother board and daughter
board inserts. See HSB3 arrangements below.
HSB3 HIGH DENSITY/HIGH SPEED BRUSH CONNECTOR
HSB3 Insert Arrangements
5
6
1
1
2
3
4
E
F
A
B
C
D
5
6
1
1
2
3
4
E
F
A
B
C
D
40 Pin Body with 3 Differential Pair, 20 Signal Contacts
80 Pin Body with 7 Differential Pair, 40 Signal Contacts
As viewed from front face of Daughter Board Connector
120 Pin Body with 10 Differential Pair, 60 Signal Contacts
160 Pin Body with 13 Differential Pair, 80 Signal Contacts
5
6
1
1
2
3
4
E
F
A
B
C
D
5
6
1
2
3
4
E
F
A
B
C
D
1
5
6
1
2
3
4
E
F
A
B
C
D
1
60 Pin Body with 5 Differential Pair, 30 Signal Contacts
100 Ohm Differential Pair Contacts
Empty Contact Cavity
Standard Digital, Low Speed Signal Contacts
(100 Ohm Differential contact pairs capable of 3.125 Gb/s data rates)
KEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com