Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 20 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 20 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 16Page - Amphenol Corporation IO4-168P Datasheet HTML 17Page - Amphenol Corporation IO4-168P Datasheet HTML 18Page - Amphenol Corporation IO4-168P Datasheet HTML 19Page - Amphenol Corporation IO4-168P Datasheet HTML 20Page - Amphenol Corporation IO4-168P Datasheet HTML 21Page - Amphenol Corporation IO4-168P Datasheet HTML 22Page - Amphenol Corporation IO4-168P Datasheet HTML 23Page - Amphenol Corporation IO4-168P Datasheet HTML 24Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
16
J
.670
MAX.
.540
MAX.
K
A
B
C
.220 DIA.
.785 MAX.
UNMATED
FREE
LENGTH
.650 MAX.
WHEN FULLY
ASSEMBLED TO
MATING
CONNECTOR
LOCKING SCREW
10-502599
ACCESSORY ITEM**
4-40
UNC-2A
.445 MAX.
UNMATED
FREE LENGTH
.31 MAX.
WHEN FULLY
ASSEMBLED
TO MATING
CONNECTOR
.220 DIA.
LOCKING SCREW
10-502599-2
ACCESSORY ITEM**
Low Mating Force
input/output connector
MATES WITH MB AND PC SERIES CONNECTORS
Notes:
When mating with MB or PC connector, a total of .022 inch minimum
radial pilot is available for connector body alignment.
All dimensions for reference only.
Crimp contact, wire well size 22D, supplied with IO Connector Series
assemblies. Optional noble metal termination plating available. See
How to Order, page 5.
Polarization keys are not supplied as part of IO Connector Series
assemblies. See Accessories How to Order, page 5 and further
description, page 24.
** Locking Screws are not supplied as part of IO Connector Series
assemblies. See Accessories How to Order, page 5 and further
description, page 29.
Contact Data
Description
Termination
Style
Letter
J
±.020
K
±.002
Rear Removable
Crimp Contact
C
N/A
N/A
Round PCB
Stud Solder
Termination
P
.145
.021
P-(713)
.060
.021
P-(709)
.335
.021
NOTE: Other variations available - see pages 4 and 5, or
consult Amphenol Aerospace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com