Electronic Components Datasheet Search
  English  ▼

X  

IO4-168P Datasheet(PDF) 7 Page - Amphenol Corporation

Part # IO4-168P
Description  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 3Page - Amphenol Corporation IO4-168P Datasheet HTML 4Page - Amphenol Corporation IO4-168P Datasheet HTML 5Page - Amphenol Corporation IO4-168P Datasheet HTML 6Page - Amphenol Corporation IO4-168P Datasheet HTML 7Page - Amphenol Corporation IO4-168P Datasheet HTML 8Page - Amphenol Corporation IO4-168P Datasheet HTML 9Page - Amphenol Corporation IO4-168P Datasheet HTML 10Page - Amphenol Corporation IO4-168P Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
3
MB, DB, PC Connectors
Military Part Number Ordering Procedure
Example part number M55302/166A10X1 is shown as follows:
M55302 /166
A
10
X
1
Body Type/
Contact Style
Number of Rows
Number of Contacts per Row
Tail Length
Tail Finish
Body Type/Contact Style
/166 designates MB-P (Mother Board, Printed Circuit Board
Termination)
/167 designates MB-W (Mother Board, Wire-wrap Contacts)
/168 designates PC (Printed Circuit, 90° Printed Circuit Board
Termination)
/170 designates DB (Daughter Board, 90° Printed Circuit Board
Termination)
Number of Rows
A –
2 Rows
B – 3 Rows
C –
4 Rows
Number of Contacts per Row
Contact counts per row range from 10 to 100
(Only 2 digits permitted in this space; for 100 contacts per row, use 00)
Tail Length
MB-P
(PCB Termination)*
MB-W**
(Wire-wrap)
W – .222 ±.025
X – .300 ±.025
Y – .145 ±.025
Z – .113 ±.025
Y – .700 ±.025
Z – .542 ±.025
DB*
PC*
X – .300 ±.025
Y – .150 ±.025
Z – .120 ±.025
Y – .150
Z – .095
* Reference “J” Dimension on all connector drawings in this catalog.
** For MB-W only: Reference “H” Dimension on connector drawing on page 8.
Tail Finish
1 Tin lead per MIL-P-81728, 50 to 70% tin, .0001 min. thick
over copper
2 Gold per MIL-G-45204, type II, grade C, class 00
(01 for MB-W) over nickel per QQ-N-290
IO Connectors
Military Part Number Ordering Procedure
Example part number M55302/169A101 is shown as follows:
M55302
/169
A
10
1
Body Type
Number of Rows
Number of Contacts per Row
Contact Type/Finish
Body Type
/169 designates IO (Input/Output)
(Contact type/finish is last digit of IO part number - see list
of options below)
Number of Rows
A –
2 Rows
B – 3 Rows
C –
4 Rows
Number of Contacts per Row
Contact counts per row range from 10 to 100
(Only 2 digits permitted in this space; for 100 contacts per row, use 00)
Contact Type/Finish
1 Crimp contact – Tin lead per MIL-P-81728, 50 to 70% tin,
.0001 min. thick over copper
2 Crimp contact – Gold per MIL-G-45204, type II, grade C,
class 1 over copper
3 Connectors supplied less contacts
4 PCB contacts installed with .145 ±.025 stickout – Tin lead
per MIL-P-81728, 50 to 70% tin, .0001 min. thick over
copper (Reference “J” Dimension on connector drawing on
page 16).
To Order
IO Contacts
(For use with connectors less contacts)
M55302/171-1
suffix designates crimp well finish
Crimp well finish
1 Crimp contact – Tin lead per MIL-P-81728, 50 to 70% tin,
.0001 min. thick over copper
2 Crimp contact – Gold per MIL-G-45204, type II, grade C
class 1 over copper
To order Accessories, see page 5.
Low Mating Force Rectangular Connectors
how to order (military types)
+.035
–.025
+.035
–.025
Ro
HS
Am
phenol
U
/ 2002 / 95 /
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com