Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 298 page
background image
Rev. 1.90
6
�e���a�� 18� �01�
Rev. 1.90
7
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Instruction Set Summary ............................................................................ 264
Ta�le Conventions............................................................................................................... �64
Instruction Definition................................................................................... 266
Package Information ................................................................................... 275
16-pin DIP (�00mil) O�tline Dimensions ............................................................................. �75
16-pin NSOP (150mil) O�tline Dimensions......................................................................... �78
16-pin SSOP (150mil) O�tline Dimensions ......................................................................... �79
�0-pin DIP (�00mil) O�tline Dimensions ............................................................................. �80
�0-pin SOP (�00mil) O�tline Dimensions ........................................................................... �8�
�0-pin SSOP (150mil) O�tline Dimensions ......................................................................... �8�
�4-pin SKDIP (�00mil) O�tline Dimensions ........................................................................ �84
�4-pin SOP (�00mil) O�tline Dimensions ........................................................................... �87
�4-pin SSOP (150mil) O�tline Dimensions ......................................................................... �88
�8-pin SKDIP (�00mil) O�tline Dimensions ........................................................................ �89
�8-pin SOP (�00mil) O�tline Dimensions ........................................................................... �90
�8-pin SSOP (150mil) O�tline Dimensions ......................................................................... �91
SAW T�pe ��-pin (5mm×5mm) Q�N O�tline Dimensions .................................................. �9�
SAW T�pe 40-pin (6mm×6mm) Q�N O�tline Dimensions .................................................. �9�
44-pin LQ�P (10mm×10mm) (�P �.0mm) O�tline Dimensions .......................................... �94
48-pin SSOP (�00mil) O�tline Dimensions ......................................................................... �95
SAW T�pe 48-pin (7mm×7mm) Q�N O�tline Dimensions .................................................. �96
48-pin LQ�P (7mm×7mm) O�tline Dimensions .................................................................. �97
5�-pin Q�P (14mm×14mm) O�tline Dimensions ................................................................ �98
Reel Dimensions................................................................................................................. �99
Ca��ie� Tape Dimensions..................................................................................................... �01
Ca��ie� Tape Dimensions..................................................................................................... �06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com