Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 298 page
background image
Rev. 1.90
16
�e���a�� 18� �01�
Rev. 1.90
17
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Pin Description
Withtheexceptionofthepowerpins,allpinsonthesedevicescanbereferencedbytheirPortname,
e.g.PA.0,PA.1etc,whichrefertothedigitalI/Ofunctionofthepins.HoweverthesePortpinsare
alsosharedwithotherfunctionsuchastheAnalogtoDigitalConverter,SerialPortpinsetc.The
functionofeachpinislistedinthefollowingtable,howeverthedetailsbehindhoweachpinis
configurediscontainedinothersectionsofthedatasheet.
ThefollowingtablesonlyincludethepinswhicharedirectlyrelatedtotheMCU.Thepin
descriptionsoftheadditionalperipheralfunctionsarelocatedattheendofthedatasheetalongwith
therelevantperipheralfunctionfunctionaldescription.
HT66F20
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Po�t A
PAWU
PAPU
ST
CMOS
—
PB0~PB5
Po�t B
PBPU
ST
CMOS
—
PC0~PC�
Po�t C
PCPU
ST
CMOS
—
AN0~AN7
ADC inp�t
ACERL
AN
—
PA0~PA7
VRE�
ADC �efe�ence inp�t
ADCR1
AN
—
PB5
C0-� C1-
Compa�ato� 0� 1 inp�t
CP0C
CP1C
AN
—
PA�� PC�
C0+� C1+
Compa�ato� 0� 1 inp�t
AN
—
PA�� PC�
C0X� C1X
Compa�ato� 0� 1 o�tp�t
—
CMOS PA0� PA5
TCK0� TCK1
TM0� TM1 inp�t
—
ST
—
PA�� PA4
TP0_0
TM0 I/O
TMPC0
ST
CMOS PA0
TP1_0� TP1_1
TM1 I/O
TMPC0
ST
CMOS PA1� PC0
INT0� INT1
Ext. Inte���pt 0� 1
—
ST
—
PA�� PA4
PINT
Pe�iphe�al Inte���pt
—
ST
—
PC�
PCK
Pe�iphe�al Clock o�tp�t
—
—
CMOS PC�
SDI
SPI Data inp�t
—
ST
—
PA6
SDO
SPI Data o�tp�t
—
—
CMOS PA5
SCS
SPI Slave Select
—
ST
CMOS PB5
SCK
SPI Se�ial Clock
—
ST
CMOS PA7
SCL
I�C Clock
—
ST
NMOS PA7
SDA
I�C Data
—
ST
NMOS PA6
SCOM0~SCOM� SCOM0~SCOM�
SCOMC
—
SCOM PC0� PC1� PC�� PC�
OSC1
HXT/ERC pin
CO
HXT
—
PB1
OSC�
HXT pin
CO
—
HXT
PB�
XT1
LXT pin
CO
LXT
—
PB�
XT�
LXT pin
CO
—
LXT
PB4
RES
Reset inp�t
CO
ST
—
PB0
VDD
Powe� s�ppl�*
—
PWR
—
—
AVDD
ADC powe� s�ppl�*
—
PWR
—
—
VSS
G�o�nd**
—
PWR
—
—
AVSS
ADC g�o�nd**
—
PWR
—
—
Note:I/T:Inputtype;
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption; ST:SchmittTriggerinput
CMOS:CMOSoutput;
NMOS:NMOSoutput
SCOM:SoftwarecontrolledLCDCOM;
AN:Analoginputpin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com