Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 298 page
background image
Rev. 1.90
�8
�e���a�� 18� �01�
Rev. 1.90
�9
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
37 H
38 H
39 H
3A H
3B H
3C H
3D H
3E H
3F H
40 H
41 H
42 H
43 H
44 H
45 H
46 H
47 H
48 H
49 H
4A H
4B H
4C H
4D H
4E H
4F H
50 H
51 H
52 H
53 H
54 H
55 H
56 H
57 H
58 H
59 H
5A H
5B H
5C H
5D H
5E H
5F H
60 H
61 H
62 H
63 H
64 H
65 H
66 H
67 H
68 H
69 H
6A H
6B H
6C H
6D H
6E H
6F H
70 H
71 H
72 H
73 H
74 H
75 H
76 H
77 H
78 H
79 H
7A H
7B H
7C H
7D H
7E H
7F H
Ba nk 0 , 1 , 2 , 3 , 4
Ba nk 0 , 2 , 3 , 4
Ba nk 1
U nus ed
EE C
EE A
EE D
TM PC 0
TM PC 1
PR M0
PR M1
PR M2
TM 1C 0
TM 1C 1
TM 1C 2
TM 1D L
TM 1D H
TM 1A L
TM 1A H
TM 1B L
TM 1B H
TM 2C 0
TM 2C 1
TM 2D L
TM 2D H
TM 2A L
TM 2A H
TM 2R P
TM 3C 0
TM 3C 1
TM 3D L
TM 3D H
TM 3A L
TM 3A H
SC OM C
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
U nus ed
I AR 0
MP 0
I AR 1
MP 1
BP
AC C
PC L
TB LP
TB LH
TB HP
ST AT US
SM OD
LV DC
I NT EG
WD TC
TB C
I NT C0
I NT C1
I NT C2
I NT C3
MF I 0
MF I 1
MF I 2
MF I 3
PA WU
PAPU
PA
PA C
PBPU
PB
PB C
PC PU
PC
PC C
PD PU
PD
PD C
PEPU
PE
PE C
PF PU
PF
PF C
PG PU
PG
PG C
AD RL
AD RH
AD CR 0
AD CR 1
AC ER L
AC ER H
CP 0C
CP 1C
SI MC 0
SI MC 1
SI MD
SI MA /S I MC 2
TM 0C 0
TM 0C 1
TM 0D L
TM 0D H
TM 0A L
TM 0A H
HT66F60 Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com