Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 298 page
background image
Rev. 1.90
�0
�e���a�� 18� �01�
Rev. 1.90
�1
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Flash Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Forthisdevice
seriestheProgramMemoryisFlashtype,whichmeansitcanbeprogrammedandre-programmed
alargenumberoftimes,allowingtheusertheconvenienceofcodemodificationonthesame
device.Byusingtheappropriateprogrammingtools,theseFlashdevicesofferuserstheflexibilityto
convenientlydebuganddeveloptheirapplicationswhilealsoofferingameansoffieldprogramming
andupdating.
Structure
TheProgramMemoryhasacapacityof1K×14bitsto12K×16bits.TheProgramMemoryis
addressedbytheProgramCounterandalsocontainsdata,tableinformationandinterruptentries.
Tabledata,whichcanbesetupinanylocationwithintheProgramMemory,isaddressedbya
separatetablepointerregister.
Device
Capacity
Banks
HT66��0
1K×14
0
HT66��0
�K×14
0
HT66�40
4K×15
0
HT66�50
8K×16
0
HT66�60
1�K×16
0� 1
TheHT66F60hasitsProgramMemorydividedintotwoBanks,Bank0andBank1.Therequired
BankisselectedusingBit5oftheBPRegister.
In te rru pt
Ve ct or
0004 H
03F FH
14 bi ts
002C H
In te rru pt
Ve ct or
14 bi ts
07F FH
In te rru pt
Ve ct or
15 bi ts
In te rru pt
Ve ct or
16 bi ts
In te rru pt
Ve ct or
Re se t
0000 H
06 $$ . 
Re se t
06 $$ .! 
Re se t
06 $$ ." 
Re se t
06 $$ .# 
Re se t
06 $$ .$ 
003C H
B ank 0
16 bi ts
0F FFH
1F FFH
1F FFH
2000 H
2F FFH
B ank 1
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com