Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 298 page
background image
Rev. 1.90
�0
�e���a�� 18� �01�
Rev. 1.90
�1
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
RES
Reset inp�t
CO
ST
—
PB0
VDD
Powe� s�ppl�*
—
PWR
—
—
AVDD
ADC powe� s�ppl�*
—
PWR
—
—
VSS
G�o�nd**
—
PWR
—
—
AVSS
ADC g�o�nd**
—
PWR
—
—
Note:I/T:Inputtype;
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;
CO:Configurationoption; ST:SchmittTriggerinput
CMOS:CMOSoutput;
NMOS:NMOSoutput
SCOM:SoftwarecontrolledLCDCOM;
AN:Analoginputpin
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
*:VDDisthedevicepowersupplywhileAVDDistheADCpowersupply.TheAVDDpinisbonded
togetherinternallywithVDD.
**:VSSisthedevicegroundpinwhileAVSSistheADCgroundpin.TheAVSSpinisbondedtogether
internallywithVSS.
AsthePinDescriptionSummarytableappliestothepackagetypewiththemostpins,notalloftheabove
listedpinsmaybepresentonpackagetypeswithsmallernumbersofpins.
HT66F50
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Po�t A
PAWU
PAPU
ST
CMOS
—
PB0~PB7
Po�t B
PBPU
ST
CMOS
—
PC0~PC7
Po�t C
PCPU
ST
CMOS
—
PD0~PD7
Po�t D
PDPU
ST
CMOS
—
PE0~PE7
Po�t E
PEPU
ST
CMOS
—
P�0~P�1
Po�t �
P�PU
ST
CMOS
—
AN0~AN7
ADC inp�t
ACERL
AN
—
PA0~PA7
VRE�
ADC �efe�ence inp�t
ADCR1
AN
—
PB5
C0-� C1-
Compa�ato� 0� 1 inp�t
CP0C
CP1C
AN
—
PA�� PC�
C0+� C1+
Compa�ato� 0� 1 inp�t
CP0C
CP1C
AN
—
PA�� PC�
C0X� C1X
Compa�ato� 0� 1 o�tp�t
CP0C
CP1C
PRM0
—
CMOS PA0� PA5 o� P�0� P�1
TCK0~TCK�
TM0~TM� inp�t
PRM1
ST
—
PA�� PA4� PC�� PC4 o� PD�� PD��
PD0� –
TP0_0� TP0_1
TM0 I/O
TMPC0
PRM�
ST
CMOS PA0� PC5 o� PC6� PD5
TP1A
TM1 I/O
TMPC0
PRM�
ST
CMOS PA1 o� PC7
TP1B_0~TP1B_� TM1 I/O
TMPC0
PRM�
ST
CMOS PC0� PC1� PC5 o� –� – PE4
TP�_0� TP�_1
TM� I/O
TMPC1
PRM�
ST
CMOS PC�� PC4 o� PD1� PD4
TP�_0� TP�_1
TM� I/O
TMPC1
PRM�
ST
CMOS PD�� PD0 o� PE5� PE�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com