Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 298 page
background image
Rev. 1.90
7�
�e���a�� 18� �01�
Rev. 1.90
7�
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Whentheresetpinisdrivenlowbyexternalhardware,mostofthemicrocontrollerpinswillbe
forcedintoahighimpedancecondition.HoweverspecialattentionmustbemadetothePA5/C1X/
SDO/AN5andPB2/OSC2pinsasthesetwopinswillbeforcedintoalogicaloutputlowcondition
whentheresetpinisheldlow.Forthisreasonitisrecommendedthatthesetwopinsarenot
connectedtolowimpedancesourcesintheapplicationcircuittoeliminatethepossibilityoftwolow
impedancesourcesbeingconnectedtogether.Thissituationonlyoccurswhentheresetpinispulled
lowbyexternalhardwareandnotduringapoweronorotherresettype.
Pin Name
Pin Status
PA5/C1X/SDO/AN5
O�tp�t Low
PB�/OSC�
O�tp�t Low
Othe� pins
High Impedance
• LowVoltageReset–LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltage
ofthedevice,whichisselectedviaaconfigurationoption.Ifthesupplyvoltageofthedevice
dropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,theLVR
willautomaticallyresetthedeviceinternally.TheLVRincludesthefollowingspecifications:
ForavalidLVRsignal,alowvoltage,i.e.,avoltageintherangebetween0.9V~VLVRmustexist
forgreaterthanthevaluetLVRspecifiedintheA.C.characteristics.Ifthelowvoltagestatedoes
notexceedtLVR,theLVRwillignoreitandwillnotperformaresetfunction.Oneofarangeof
specifiedvoltagevaluesforVLVRcanbeselectedusingconfigurationoptions.
LV R
In te r nal R es et
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=100ms
Low Voltage Reset Timing Chart
• WatchdogTime-outResetduringNormalOperation
TheWatchdogtime-outResetduringnormaloperationisthesameasahardwareRESpinreset
exceptthattheWatchdogtime-outflagTOwillbesetto“1”.
t RS TD + t SST
WD T Ti me - out
In te r nal R es et
Note:tRSTDispower-ondelay,typicaltime=100ms
WDT Time-out Reset during Normal Operation Timing Chart
• WatchdogTime-outResetduringSLEEPorIDLEMode
TheWatchdogtime-outResetduringSLEEPorIDLEModeisalittledifferentfromotherkinds
ofreset.MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStack
Pointerwillbeclearedto"0"andtheTOflagwillbesetto"1".RefertotheA.C.Characteristics
fortSSTdetails.
t SST
WD T Ti me - out
In te r nal R es et
Note:ThetSSTis15~16clockcyclesifthesystemclocksourceisprovidedbyERCorHIRC.
ThetSSTis1024clockforHXTorLXT.ThetSSTis1~2clockforLIRC.
WDT Time-out Reset during SLEEP or IDLE Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com