Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 298 page
background image
Rev. 1.90
�4
�e���a�� 18� �01�
Rev. 1.90
�5
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
D.C. Characteristics
Ta=�5°C
Symbol Parameter
Test Conditions
Min. Typ. Max. Unit
VDD Conditions
VDD
Ope�ating Voltage
(HXT� ERC� HIRC)
—
fSYS=8MHz
�.�
—
5.5
V
fSYS=1�MHz
�.7
—
5.5
V
fSYS=�0MHz
4.5
—
5.5
V
IDD1
Ope�ating C���ent� No�mal Mode�
fSYS=fH (HXT� ERC� HIRC)
�V No load� fSYS=fH=4MHz�
ADC off� WDT ena�le
—
0.7
1.1
mA
5V
—
1.8
�.7
mA
�V No load� fSYS=fH=8MHz�
ADC off� WDT ena�le
—
1.6
�.4
mA
5V
—
�.�
5.0
mA
�V No load� fSYS=fH=1�MHz�
ADC off� WDT ena�le
—
�.�
�.�
mA
5V
—
5.0
7.5
mA
IDD�
Ope�ating C���ent� No�mal Mode�
fSYS=fH (HXT)
5V No load� f
SYS
=fH=�0MHz�
ADC off� WDT ena�le
—
6.0
9.0
mA
IDD�
Ope�ating C���ent� Slow Mode�
fSYS=fL (LXT� LIRC)
�V No load� fSYS=fL�
ADC off� WDT ena�le
—
10
�0
μA
5V
—
�0
50
μA
IIDLE0
IDLE0 Mode Stand�� C���ent
(LXT o� LIRC on)
�V
No load� ADC off� WDT ena�le
—
1.5
�.0
μA
5V
—
�.0
6.0
μA
IIDLE1
IDLE1 Mode Stand�� C���ent
(HXT� ERC� HIRC)
�V No load� ADC off� WDT ena�le�
fSYS=1�MHz on
—
0.55
0.8�
mA
5V
—
1.�0
�.00
mA
ISLEEP0
SLEEP0 Mode Stand�� C���ent
(LXT and LIRC off)
�V
No load� ADC off� WDT disa�le
—
—
1
μA
5V
—
—
�
μA
ISLEEP1
SLEEP1 Mode Stand�� C���ent
(LXT o� LIRC on)
�V
No load� ADC off� WDT ena�le
—
1.5
�.0
μA
5V
—
�.5
5.0
μA
VIL1
Inp�t Low Voltage fo� I/O Po�ts o�
Inp�t Pins except RES pin
—
—
0
—
0.�VDD
V
VIH1
Inp�t High Voltage fo� I/O Po�ts o�
Inp�t Pins except RES pin
—
—
0.7VDD
—
VDD
V
VIL�
Inp�t Low Voltage (RES)
—
—
0
—
0.4VDD
V
VIH�
Inp�t High Voltage (RES)
—
—
0.9VDD
—
VDD
V
VLVR
LVR Voltage Level
—
LVR ena�le� �.10V
-5%
�.1
+5%
V
LVR ena�le� �.55V
-5%
�.55
+5%
V
LVR ena�le� �.15V
-5%
�.15
+5%
V
LVR ena�le� 4.�0V
-5%
4.�0
+5%
V
VLVD
LVD Voltage Level
—
LVDEN=1� VLVD=�.0V
-5%
�.00
+5%
V
LVDEN=1� VLVD=�.�V
-5%
�.�0
+5%
V
LVDEN=1� VLVD=�.4V
-5%
�.40
+5%
V
LVDEN=1� VLVD=�.7V
-5%
�.70
+5%
V
LVDEN=1� VLVD=�.0V
-5%
�.00
+5%
V
LVDEN=1� VLVD=�.�V
-5%
�.�0
+5%
V
LVDEN=1� VLVD=�.6V
-5%
�.60
+5%
V
LVDEN=1� VLVD=4.4V
-5%
4.4
+5%
V
ILV
Additional Powe� Cons�mption if
LVR and LVD is Used
—
LVR ena�le� LVDEN=0
—
60
90
μA
LVR disa�le� LVDEN=1
—
75
115
μA
LVR ena�le� LVDEN=1
—
90
1�5
μA
VOL
O�tp�t Low Voltage I/O Po�t
�V IOL=9mA
—
—
0.�
V
5V IOL=�0mA
—
—
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com