Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type 8-Bit MCU with EEPROM
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 298 page
background image
Rev. 1.90
�4
�e���a�� 18� �01�
Rev. 1.90
�5
�e���a�� 18� �01�
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
Symbol Parameter
Test Conditions
Min. Typ. Max. Unit
VDD Conditions
VOH
O�tp�t High Voltage I/O Po�t
�V IOH=-�.�mA
�.7
—
—
V
5V IOH=-7.4mA
4.5
—
—
V
RPH
P�ll-high Resistance fo� I/O Po�ts
�V
—
�0
60
100
kΩ
5V
10
�0
50
kΩ
ISCOM
SCOM Ope�ating C���ent
5V
SCOMC� ISEL[1:0]=00
17.5
�5.0
��.5
μA
SCOMC� ISEL[1:0]=01
�5
50
65
μA
SCOMC� ISEL[1:0]=10
70
100
1�0
μA
SCOMC� ISEL[1:0]=11
140
�00
�60
μA
VSCOM
VDD/� Voltage fo� LCD COM
5V No load
0.475 0.500 0.5�5 VDD
V1�5
1.�5V Refe�ence with B�ffe� Voltage
—
—
-�%
1.�5
+�%
V
I1�5
Additional Powe� Cons�mption if
1.�5V Refe�ence with B�ffe� is �sed
—
—
—
�00
�00
μA
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fCPU
Ope�ating Clock
—
�.�V~5.5V
DC
—
8
MHz
�.7V~5.5V
DC
—
1�
MHz
4.5V~5.5V
DC
—
�0
MHz
fSYS
S�stem Clock (HXT)
—
�.�V~5.5V
0.4
—
8
MHz
�.7V~5.5V
0.4
—
1�
MHz
4.5V~5.5V
0.4
—
�0
MHz
fHIRC
S�stem Clock (HIRC)
�V/5V
Ta=�5°C
-�%
4
+�% MHz
�V/5V
Ta=�5°C
-�%
8
+�% MHz
5V
Ta=�5°C
-�%
1�
+�% MHz
�V/5V
Ta=0~70°C
-5%
4
+5% MHz
�V/5V
Ta=0~70°C
-4%
8
+4% MHz
5V
Ta=0~70°C
-5%
1�
+�% MHz
�.�V~�.6V Ta=0~70°C
-7%
4
+7% MHz
�.0V~5.5V Ta=0~70°C
-5%
4
+9% MHz
�.�V~�.6V Ta=0~70°C
-6%
8
+4% MHz
�.0V~5.5V Ta=0~70°C
-4%
8
+9% MHz
�.0V~5.5V Ta=0~70°C
-6%
1�
+7% MHz
�.�V~�.6V Ta=-40°C~85°C
-1�%
4
+8% MHz
�.0V~5.5V Ta=-40°C~85°C
-10%
4
+9% MHz
�.�V~�.6V Ta=-40°C~85°C
-15%
8
+4% MHz
�.0V~5.5V Ta=-40°C~85°C
-8%
8
+9% MHz
�.0V~5.5V Ta=-40°C~85°C
-1�%
1�
+7% MHz
fERC
S�stem Clock (ERC)
5V
Ta=�5°C� R=120kΩ*
-�%
8
+�% MHz
5V
Ta=0°C~70°C, R=120kΩ*
-5%
8
+6% MHz
5V
Ta=-40°C~85°C, R=120kΩ* -7%
8
+9% MHz
�.0V~5.5V Ta=-40°C~85°C, R=120kΩ* -9%
8
+10% MHz
�.�V~5.5V Ta=-40°C~85°C, R=120kΩ* -15%
8
+10% MHz
fLXT
S�stem Clock (LXT)
—
—
—
��.768
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com