Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
_______Standard Application Circuit
The basic MAX1631A/MAX1634A dual-output 3.3V/5V
buck converter (Figure 1) is easily adapted to meet a
wide range of applications with inputs up to 28V by
substituting components from Table 1. These circuits
represent a good set of tradeoffs between cost, size,
and efficiency, while staying within the worst-case
specification limits for stress-related parameters, such
as capacitor ripple current. Do not change the frequen-
cy of these circuits without first recalculating compo-
nent values (particularly inductance value at maximum
battery voltage). Adding a Schottky rectifier across
each synchronous rectifier improves the efficiency of
these circuits by approximately 1%, but this rectifier is
otherwise not needed because the MOSFETs required
for these circuits typically incorporate a high-speed sili-
con diode from drain to source. Use a Schottky rectifier
rated at a DC current equal to at least 1/3 of the load
current.
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
8
_______________________________________________________________________________________
MAX1631A
MAX1634A
V+ SHDN
VL
SECFB
INPUT
ON/OFF
C3
GND
REF
SEQ
1
μF
+2.5V ALWAYS ON
*1A SCHOTTKY DIODE REQUIRED
FOR THE MAX1631A (SEE OUTPUT
OVERVOLTAGE PROTECTION SECTION).
+5V ALWAYS ON
Q1
5V ON/OFF
3.3V ON/OFF
Q4
0.1
μF
0.1
μF
L2
R2
+3.3V OUTPUT
C2
*
4.7
μF
0.1
μF
4.7
μF
0.1
μF
10
Ω
0.1
μF
Q3
0.1
μF
DL3
CSH3
CSL3
FB3
RESET
RESET OUTPUT
SKIP
STEER
Q2
L1
R1
+5V OUTPUT
C1
DL5
LX5
DH5
BST5
BST3
SYNC
DH3
LX3
PGND
CSL5
CSH5
RUN/ON3
TIME/ON5
FB5
*
Figure 1. Standard 3.3V/5V Application Circuit (MAX1631A/MAX1634A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com