Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
20
______________________________________________________________________________________
full equation for ripple in continuous-conduction mode
is VNOISE (P-P) = IRIPPLE x [RESR + 1/(2 x
π x f x
COUT)]. In Idle Mode, the inductor current becomes
discontinuous, with high peaks and widely spaced
pulses, so the noise can actually be higher at light load
(compared to full load). In Idle Mode, calculate the out-
put ripple as follows:
Transformer Design
(for Auxiliary Outputs Only)
Buck-plus-flyback applications, sometimes called “cou-
pled-inductor” topologies, need a transformer to gener-
ate multiple output voltages. Performing the basic
electrical design is a simple task of calculating turns
ratios and adding the power delivered to the secondary
to calculate the current-sense resistor and primary
inductance. However, extremes of low input-output dif-
ferentials, widely different output loading levels, and
high turns ratios can complicate the design due to par-
asitic transformer parameters such as interwinding
capacitance, secondary resistance, and leakage
inductance. For examples of what is possible with real-
world transformers, see the Maximum Secondary
Current vs. Input Voltage graph in the Typical
Operating Characteristics section.
Power from the main and secondary outputs is combined
to get an equivalent current referred to the main output
voltage (see the Inductor Value section for parameter def-
initions). Set the current-sense resistor resistor value at
80mV / ITOTAL.
PTOTAL = The sum of the output power from all outputs
ITOTAL = PTOTAL / VOUT = The equivalent output cur-
rent referred to VOUT:
where:
VSEC = the minimum required rectified secondary out-
put voltage
VFWD = the forward drop across the secondary
rectifier
VOUT(MIN) = the minimum value of the main output
voltage (from the Electrical Characteristics)
VRECT = the on-state voltage drop across the synchro-
nous rectifier MOSFET
VSENSE = the voltage drop across the sense resistor
In positive-output applications, the transformer sec-
ondary return is often referred to the main output volt-
age, rather than to ground, to reduce the needed turns
ratio. In this case, the main output voltage must first be
subtracted from the secondary voltage to obtain VSEC.
Selecting Other Components
MOSFET Switches
The high-current n-channel MOSFETs must be logic-level
types with guaranteed on-resistance specifications at
VGS = 4.5V. Lower gate threshold specifications are bet-
ter (i.e., 2V max rather than 3V max). Drain-source break-
down voltage ratings must at least equal the maximum
input voltage, preferably with a 20% derating factor. The
best MOSFETs have the lowest on-resistance per
nanocoulomb of gate charge. Multiplying RDS(ON) x QG
provides a good figure for comparing various MOSFETs.
Newer MOSFET process technologies with dense cell
structures generally perform best. The internal gate dri-
vers tolerate >100nC total gate charge, but 70nC is a
more practical upper limit to maintain best switching
times.
In high-current applications, MOSFET package power
dissipation often becomes a dominant design factor. I2R
power losses are the greatest heat contributor for both
high-side and low-side MOSFETs. I2R losses are distrib-
uted between Q1 and Q2 according to duty factor (see
the following equations). Generally, switching losses
affect only the upper MOSFET, since the Schottky rectifier
clamps the switching node in most cases before the syn-
chronous rectifier turns on. Gate-charge losses are dissi-
pated by the driver and do not heat the MOSFET.
Calculate the temperature rise according to package
thermal-resistance specifications to ensure that both
MOSFETs are within their maximum junction temperature
at high ambient temperature. The worst-case dissipation
for the high-side MOSFET occurs at both extremes of
input voltage, and the worst-case dissipation for the low-
side MOSFET occurs at maximum input voltage:
PD(upper FET) = (I
) x R
x DUTY
+ V
x I
x f x
V
x C
I
20ns
PD(lower FET) = (I
) x R
x (1 - DUTY)
DUTY = (V
+ V
) / (V
- V
)
LOAD
2
DS(ON)
IN
LOAD
IN
RSS
GATE
LOAD
2
DS(ON)
OUT
Q2
IN
Q1
+
⎛
⎝⎜
⎞
⎠⎟
L(primary) =
V(V
- V)
V
x f x I
x LIR
Turns Ratio N =
V
+ V
V+ V
+ V
OUT
IN(MAX)
OUT
IN(MAX)
TOTAL
SEC
FWD
OUT(MIN)
RECT
SENSE
V
=
0.02 x R
R
0.0003 x Lx 1 / V
1 / (V
- V
)
(R
)
x C
NOISE(P-P)
ESR
SENSE
OUT
IN
OUT
SENSE
2
OUT
+
+
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com