Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 26Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 27Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 28Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
27
________________________________________________________________________________Pin Configurations
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RUN/ON3
DH3
LX3
BST3
DL3
SHDN
SEQ
V+
VL
PGND
DL5
BST5
LX5
DH5
CSH5
CSL5
FB5
RESET
SKIP
REF
GND
TIME/ON5
SYNC
VDD
12OUT
FB3
CSL3
CSH3
SSOP
SSOP
MAX1630A
MAX1632A
MAX1633A
MAX1635A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
RUN/ON3
DH3
LX3
BST3
DL3
SHDN
SEQ
V+
VL
PGND
DL5
BST5
LX5
DH5
CSH5
CSL5
FB5
RESET
SKIP
REF
GND
TIME/ON5
SYNC
SECFB
STEER
FB3
CSL3
CSH3
TOP VIEW
MAX1631A
MAX1634A
_______________________________________________________________Selector Guide
MAX1631A
MAX1633A
MAX1632A
MAX1634A
MAX1635A
DEVICE
None (SECFB input)
12V linear regulator
12V linear regulator
None (SECFB input)
12V linear regulator
AUXILIARY OUTPUT
12V linear regulator
Selectable (STEER pin)
Feeds into the 3.3V SMPS
Feeds into the 5V SMPS
Selectable (STEER pin)
Feeds into the 5V SMPS
SECONDARY FEEDBACK
Yes
No
Yes
No
MAX1630A
No
OVER/UNDERVOLTAGE
PROTECTION
Yes
Feeds into the 3.3V SMPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com