Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
__________________________________________________________________________Pin Description
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
6
_______________________________________________________________________________________
____________________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, 3A Table 1 components, TA = +25°C, unless otherwise noted.)
1000
0.1
0.1
10
1000
100
SWITCHING FREQUENCY
vs. LOAD CURRENT
10
1
100
LOAD CURRENT (mA)
1
+5V, VIN = 15V
+3.3V, VIN = 15V
+3.3V, VIN = 6V
+5V, VIN = 6V
5.00
4.90
50
60
VL REGULATOR OUTPUT VOLTAGE
vs. OUTPUT CURRENT
4.98
OUTPUT CURRENT (mA)
0
4.94
4.92
30
40
4.96
10
20
VIN = 15V
ON3 = ON5 = 0V
2.510
2.480
2.485
56
REF OUTPUT VOLTAGE
vs. OUTPUT CURRENT
2.505
OUTPUT CURRENT (mA)
0
2.495
2.490
34
2.500
12
VIN = 15V
ON3 = ON5 = 0V
2ms/div
STARTUP WAVEFORMS
RUN
5V/div
3.3V OUTPUT
2V/div
TIME
5V/div
5V OUTPUT
5V/div
SEQ = VL, 0.015
μF CAPACITOR ON-TIME
4
1
CSH3
Current-Sense Input for the 3.3V SMPS. Current-limit level is 100mV referred to CSL3.
STEER
(MAX1631A/
MAX1634A)
Logic-Control Input for secondary feedback. Selects the PWM that uses a transformer and secondary
feedback signal (SECFB):
STEER = GND: 3.3V SMPS uses transformer
STEER = VL: 5V SMPS uses transformer
PIN
NAME
FUNCTION
2
CSL3
Current-Sense Input. Also serves as the feedback input in fixed-output mode.
12OUT
(MAX1630A/
32A/33A/35A)
12V/120mA Linear Regulator Output. Input supply comes from VDD. Bypass 12OUT to GND with
1µF minimum.
3
FB3
Feedback Input for the 3.3V SMPS; regulates at FB3 = REF (approx. 2.5V) in adjustable mode. FB3 is a
Dual Mode input that also selects the 3.3V fixed output voltage setting when tied to GND. Connect FB3
to a resistor-divider for adjustable-output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com