Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 26Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
23
where tD is the diode-conduction time (120ns typ) and
VFWD is the forward voltage of the diode.
This power is dissipated in the MOSFET body diode if
no external Schottky diode is used:
where IRMS is the input ripple current as calculated in the
Design Procedure and Input Capacitor Value sections.
Light-Load Efficiency Considerations
Under light loads, the PWM operates in discontinuous
mode, where the inductor current discharges to zero at
some point during the switching cycle. This makes the
inductor current’s AC component high compared to the
load current, which increases core losses and I2R loss-
es in the output filter capacitors. For best light-load effi-
ciency, use MOSFETs with moderate gate-charge
levels, and use ferrite, MPP, or other low-loss core
material. Avoid powdered-iron cores; even Kool-Mu
(aluminum alloy) is not as good as ferrite.
PC Board Layout Considerations
Good PC board layout is required in order to achieve
specified noise, efficiency, and stability performance.
The PC board layout artist must be given explicit
instructions, preferably a pencil sketch showing the
placement of power-switching components and high-
current routing. Refer to the PC board layout in the
MAX1630A Evaluation Kit manual for examples. A
ground plane is essential for optimum performance. In
most applications, the circuit will be located on a
multilayer board, and full use of the four or more cop-
per layers is recommended. Use the top layer for high-
current connections, the bottom layer for quiet
connections (REF, SS, GND), and the inner layers for
an uninterrupted ground plane. Use the following step-
by-step guide:
1) Place the high-power components (Figure 1, C1,
C3, Q1, Q2, D1, L1, and R1) first, with any grounded
connections adjacent:
Priority 1: Minimize current-sense resistor trace
lengths and ensure accurate current
sensing with Kelvin connections (Figure 7).
Priority 2: Minimize ground trace lengths in the
high-current paths (discussed below).
Priority 3: Minimize other trace lengths in the high-
current paths.
Use > 5mm-wide traces.
CIN to high-side MOSFET drain: 10mm
max length.
Rectifier diode cathode to low-side
MOSFET: 5mm max length.
LX node (MOSFETs, rectifier cathode,
inductor): 15mm max length.
Ideally, surface-mount power components are butted
up to one another with their ground terminals almost
touching. These high-current grounds are then con-
nected to each other with a wide filled zone of top-layer
copper so they do not go through vias. The resulting
top-layer “subground-plane” is connected to the normal
inner-layer ground plane at the output ground termi-
nals, which ensures that the IC’s analog ground is
sensing at the supply’s output terminals without interfer-
ence from IR drops and ground noise. Other high-
current paths should also be minimized, but focusing
primarily on short ground and current-sense con-
nections eliminates about 90% of all PC board lay-
out problems (refer to the PC board layouts in the
MAX1630A Evaluation Kit manual for examples).
2) Place the IC and signal components. Keep the main
switching nodes (LX nodes) away from sensitive
analog components (current-sense traces and REF
capacitor). Place the IC and analog components on
the opposite side of the board from the power-
switching node. Important: The IC must be no far-
ther than 10mm from the current-sense resistors.
Keep the gate-drive traces (DH_, DL_, and BST_)
shorter than 20mm and route them away from CSH_,
CSL_, and REF.
3) Use a single-point star ground where the input
ground trace, power ground (subground-plane),
and normal ground plane meet at the supply’s out-
put ground terminal. Connect both IC ground pins
and all IC bypass capacitors to the normal ground
plane.
P(cap) = input capacitor ESR loss = (I
)
x R
RMS
2
ESR
MAX1630A
SENSE RESISTOR
HIGH-CURRENT PATH
Figure 7. Kelvin Connections for the Current-Sense Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com