Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 26Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 27Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
24
______________________________________________________________________________________
_______________________________________________________________________________Application Circuits
RESET
FB5
MAX1630A
MAX1633A
SHDN
SYNC
INPUT
+5.2V TO +24V
PGND
SEQ
REF
11
9
15
12
13
14
20
19
17
16 Q3
Q4
L2
R2
C2
18
4
23
22
10
Ω
621
POWER-GOOD
7
10
8
5V ON/OFF
SKIP
V+
VL
DL5
LX5
DH5
BST5
2.2
μF
0.1
μF
0.1
μF
0.1
μF
1
μF
0.1
μF
4.7
μF
2.7
μF
1N5819
4.7
μF
12OUT
C3
C4
+12V
AT 120mA
+5V OUTPUT (3A)
+5V
ALWAYS ON
GND
+2.5V REF
3
*
2
1
24
Q1
Q2
T1
1:4
C1
R1
5
0.1
μF
0.1
μF
1N5819
+3.3V
OUTPUT
(3A)
*
TIME/ON5
RUN/ON3
FB3
28
3V ON/OFF
26
25
27
CSL5
CSH5
CSL3
CSH3
DL3
LX3
DH3
BST3
VDD
ON/OFF
TO +3.3V OUTPUT
TO +5V OUTPUT
R1 = R2 = 20m
Ω
L2 = 10
μH SUMIDA CDRH125-100
T1 = 10
μH 1:4 TRANSFORMER
TRANSPOWER TECHNOLOGIES TTI-5902
Q1–Q4 = Si4410DY or IRF7413
C1 = 3 x 220
μF 10V SPRAGUE 594D227X0010D2T
C2 = 2 x 220
μF 10V SPRAGUE 594D227X0010D2T
C3 = C4 = 2 x 10
μF 30V SANYO OS-CON 30SC10M
*VL DIODES AND OUTPUT SCHOTTKY DIODES REQUIRED
FOR THE MAX1630A ONLY (SEE OUTPUT OVERVOLTAGE PROTECTION
AND OUTPUT UNDERVOLTAGE SHUTDOWN PROTECTION SECTIONS).
*
*
Figure 8. Triple-Output Application for Low-Voltage Batteries (MAX1630A/MAX1633A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com