Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
9
Input Range
Application
Table 1. Component Selection for Standard 3.3V/5V Application
Table 2. Component Suppliers
4.75V to 18V
PDA
2A
4.75V to 28V
Notebook
3A
4.75V to 24V
Workstation
4A
Frequency
300kHz
1/2 IR IRF7301;
1/2 Siliconix Si9925DQ; or
1/2 Motorola MMDF3N03HD or
MMDF4N01HD (10V max)
300kHz
IR IRF7403 or IRF7401 (18V
max); Siliconix Si4412DY; or
Motorola MMSF5N03HD or
MMSF5N02HD (18V max)
200kHz
IR IRF7413 or
Siliconix Si4410DY
Q1, Q3 High-Side
MOSFETs
Q2, Q4 Low-Side
MOSFETs
1/2 IR IRF7301;
1/2 Siliconix Si9925DQ; or
1/2 Motorola MMDF3N03HD or
MMDF4N01HD (10V max)
10µF, 30V Sanyo OS-CON;
22µF, 35V AVX TPS; or
Sprague 594D
IR IRF7403 or IRF7401 (18V
max); Siliconix Si4412DY; or
Motorola MMSF5N03HD or
MMSF5N02HD (18V max)
2 x 10µF, 30V Sanyo OS-CON;
2 x 22µF, 35V AVX TPS; or
Sprague 594D
IR IRF7413 or
Siliconix Si4410DY
3 x 10µF, 30V Sanyo OS-CON;
4 x 22µF, 35V AVX TPS; or
Sprague 595D
C1, C2 Output Capacitors
220µF, 10V AVX TPS or
Sprague 595D
0.033
Ω IRC LR2010-01-R033 or
Dale WSL2010-R033-F
2 x 220µF, 10V AVX TPS or
Sprague 595D
0.02
Ω IRC LR2010-01-R020 or
Dale WSL2010-R020-F
4 x 220µF, 10V AVX TPS or
Sprague 595D
0.012
Ω Dale WSL2512-R012-F
R1, R2 Resistors
C3 Input Capacitor
15µH, 2.4A Ferrite
Coilcraft DO3316P-153 or
Sumida CDRH125-150
10µH, 4A Ferrite
Coilcraft DO3316P-103 or
Sumida CDRH125-100
4.7µH, 5.5A Ferrite
Coilcraft DO3316-472 or
5.2µH, 6.5A Ferrite Sumida
CDRH127-5R2MC
L1, L2 Inductors
AVX
(1) 803-626-3123
(1) 516-435-1824
FACTORY FAX
(COUNTRY CODE)
803-946-0690
516-435-1110
USA PHONE
Coilcraft
(1) 847-639-1469
847-639-6400
Central
Semiconductor
COMPANY
Coiltronics
(1) 561-241-9339
(1) 605-665-1627
561-241-7876
605-668-4131
International
Rectifier (IR)
(1) 310-322-3332
310-322-3331
Dale
IRC
(1) 512-992-3377
(1) 714-960-6492
512-992-7900
714-969-2491
Matsuo
Motorola
(1) 602-994-6430
(81) 3-3494-7414
FACTORY FAX
(COUNTRY CODE)
602-303-5454
805-867-2555*
USA PHONE
Siliconix
(1) 408-970-3950
(1) 603-224-1430
Sanyo
(81) 7-2070-1174
408-988-8000
619-661-6835
603-224-1961
Sumida
(81) 3-3607-5144
847-956-0666
Sprague
TDK
(1) 847-390-4428
(1) 702-831-3521
847-390-4373
702-831-0140
Transpower
Technologies
NIEC
COMPANY
Murata-Erie
(1) 814-238-0490
814-237-1431
*Distributor
LOAD CURRENT
COMPONENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com