Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 16Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 17Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
18
______________________________________________________________________________________
Kool-Mµ is a registered trademark of Magnetics Div., Spang & Co.
rate output of more than 120mA is needed, an external
pass transistor can be added. Figure 6’s circuit delivers
more than 200mA. Total output current is constrained
by the V+ input voltage and the transformer primary
load (see Maximum 15V VDD Output Current vs.
Supply Voltage graphs in the Typical Operating
Characteristics).
__________________Design Procedure
The three predesigned 3V/5V standard application cir-
cuits (Figure 1 and Table 1) contain ready-to-use solu-
tions for common application needs. Also, two standard
flyback transformer circuits support the 12OUT linear
regulator in the Applications Information section. Use
the following design procedure to optimize these basic
schematics for different voltage or current require-
ments. Before beginning a design, firmly establish the
following:
•
Maximum input (battery) voltage, VIN(MAX). This
value should include the worst-case conditions,
such as no-load operation when a battery charger
or AC adapter is connected but no battery is
installed. VIN(MAX) must not exceed 30V.
•
Minimum input (battery) voltage, VIN(MIN). This
should be taken at full load under the lowest battery
conditions. If VIN(MIN) is less than 4.2V, use an
external circuit to externally hold VL above the VL
undervoltage lockout threshold. If the minimum
input-output difference is less than 1.5V, the filter
capacitance required to maintain good AC load
regulation increases (see Low-Voltage Operation
section).
Inductor Value
The exact inductor value is not critical and can be
freely adjusted to make trade-offs between size, cost,
and efficiency. Lower inductor values minimize size
and cost, but reduce efficiency due to higher peak-cur-
rent levels. The smallest inductor is achieved by lower-
ing the inductance until the circuit operates at the
border between continuous and discontinuous mode.
Further reducing the inductor value below this
crossover point results in discontinuous-conduction
operation even at full load. This helps lower output filter
capacitance requirements, but efficiency suffers due to
high I2R losses. On the other hand, higher inductor val-
ues mean greater efficiency, but resistive losses due to
extra wire turns will eventually exceed the benefit
gained from lower peak-current levels. Also, high
inductor values can affect load-transient response (see
the VSAG equation in the Low-Voltage Operation sec-
tion). The equations that follow are for continuous-con-
duction operation, since the MAX1630A family is
intended mainly for high-efficiency, battery-powered
applications. Refer to Appendix A in Maxim’s Battery
Management and DC-DC Converter Circuit Collection
for crossover-point and discontinuous-mode equations.
Discontinuous conduction doesn’t affect normal Idle
Mode operation.
Three key inductor parameters must be specified:
inductance value (L), peak current (IPEAK), and DC
resistance (RDC). The following equation includes a
constant, LIR, which is the ratio of inductor peak-to-
peak AC current to DC load current. A higher LIR value
allows smaller inductance, but results in higher losses
and higher ripple. A good compromise between size
and losses is found at a 30% ripple-current to load-
current ratio (LIR = 0.3), which corresponds to a peak
inductor current 1.15 times higher than the DC load
current:
where:
f = switching frequency, normally 200kHz or
300kHz
IOUT = maximum DC load current
LIR = ratio of AC to DC inductor current, typi-
cally 0.3; should be selected for >0.15
The nominal peak inductor current at full load is 1.15 x
IOUT if the above equation is used; otherwise, the peak
current can be calculated by:
The inductor’s DC resistance should be low enough that
RDC x IPEAK < 100mV, as it is a key parameter for effi-
ciency performance. If a standard off-the-shelf inductor
is not available, choose a core with an LI2 rating greater
than L x IPEAK2 and wind it with the largest diameter
wire that fits the winding area. For 300kHz applications,
ferrite core material is strongly preferred; for 200kHz
applications, Kool-Mµ® (aluminum alloy) or even pow-
dered iron is acceptable. If light-load efficiency is unim-
portant (in desktop PC applications, for example), then
low-permeability iron-powder cores, such as the
Micrometals type found in Pulse Engineering’s 2.1µH
PE-53680, may be acceptable even at 300kHz. For
high-current applications, shielded-core geometries,
such as toroidal or pot core, help keep noise, EMI, and
switching-waveform jitter low.
I= I
+
V
(V
- V
2 x f x L x V
PEAK
LOAD
OUT
IN(MAX)
OUT
IN(MAX)
)
L =
VV
- V
V
x f x I
x LIR
OUT
IN(MAX)
OUT
IN(MAX)
OUT
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com