Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 26Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 27Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 28Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 29Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
26
______________________________________________________________________________________
OPEN
MAX1631A
MAX1634A
V+ SHDN
VL
SECFB
INPUT
+6V TO +24V
C3
10
Ω
ON/OFF
GND
REF
SEQ
SYNC
1
μF
5V ALWAYS ON
Q1
ON/OFF
ON/OFF
0.1
μF
0.1
μF
4.7
μF
4.7
μF
0.1
μF
Q3
DL3
CSH3
CSL3
FB3
RESET
RESET OUTPUT
SKIP
STEER
L1
R1
2.5V OUTPUT
C1
DL5
LX5
DH5
BST5
25
27
26
24
1
2
3
11
10
4
8
28
7
12
13
14
20
19
17
16
18
22
23
5
21
15
6
9
BST3
DH3
LX3
PGND
CSL5
CSH5
RUN/ON3
TIME/ON5
0
Ω
FB5
0.1
μF
0.1
μF
L2
R2
+3.3V OUTPUT
R1 = R2 = 15m
Ω
L1 = L2 = 6.8
μH SUMIDA CDRH 127-6R8MC
Q1 = Q4 = Si4410DY or 1RF7413
C1 = C2 = 2X SANYO OS-CON 10 SA220M
C3 = 4X SANYO OS-CON 30SC10M
*VL DIODES AND OUTPUT SCHOTTKY DIODES REQUIRED
FOR THE MAX1631A ONLY (SEE OUTPUT OVERVOLTAGE PROTECTION
AND OUTPUT UNDERVOLTAGE SHUTDOWN PROTECTION SECTIONS).
*
*
*
OPEN
0
Ω
*
Q4
1N5819
Q2
1N5819
C2
Figure 10. Dual, 4A, Notebook Computer Power Supply
_____________________________________________________________Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com