Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 18Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 19Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 20Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 21Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 22Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 23Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 24Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 25Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
22
______________________________________________________________________________________
Table 5. Low-Voltage Troubleshooting Chart
________________Applications Information
Heavy-Load Efficiency Considerations
The major efficiency-loss mechanisms under loads are,
in the usual order of importance:
• P(I2R) = I2R losses
• P(tran) = transition losses
• P(gate) = gate-charge losses
• P(diode) = diode-conduction losses
• P(cap) = capacitor ESR losses
• P(IC) = losses due to the IC’s operating supply
current
Inductor core losses are fairly low at heavy loads
because the inductor’s AC current component is small.
Therefore, they are not accounted for in this analysis.
Ferrite cores are preferred, especially at 300kHz, but
powdered cores, such as Kool-Mu, can work well:
where RDC is the DC resistance of the coil, RDS(ON) is
the MOSFET on-resistance, and RSENSE is the current-
sense resistor value. The RDS(ON) term assumes identi-
cal MOSFETs for the high-side and low-side switches,
because they time-share the inductor current. If the
MOSFETs are not identical, their losses can be estimat-
ed by averaging the losses according to duty factor:
where CRSS is the reverse transfer capacitance of the
high-side MOSFET (a data-sheet parameter), IGATE is the
DH gate-driver peak output current (1.5A typ), and 20ns
is the rise/fall time of the DH driver (20ns typ):
P(gate) = qG x f x VL
where VL is the internal-logic-supply voltage (+5V), and qG
is the sum of the gate-charge values for low-side and high-
side switches. For matched MOSFETs, qG is twice the
data-sheet value of an individual MOSFET. If VOUT is set to
less than 4.5V, replace VL in this equation with VBATT. In
this case, efficiency can be improved by connecting VL to
an efficient 5V source, such as the system +5V supply:
P(diode) = diode - conduction losses
= I
x V
x t
x f
LOAD
FWD
D
PD(tran) = transition loss = V
x I
x f x
3
2
x
(V
x C
/ I
) + 20ns
IN
LOAD
IN
RSS
GATE
[]
Efficiency = P
/ P
x 100%
= P
/ (P
+ P
) x 100%
P
= P(I R) + P(tran) + P(gate) +
P(diode) + P(cap) + P(IC)
P = (I R) = (I
) x (R
+ R
+ R
)
OUT
IN
OUT
OUT
TOTAL
TOTAL
2
2
LOAD
2
DC
DS(ON)
SENSE
Use a small 20mA Schottky diode
for boost diode D2. Supply VL from
an external source.
Poor efficiency
VL linear regulator is going
into dropout and is not pro-
viding good gate-drive levels.
Supply VL from an external source
other than VIN, such as the system
+5V supply.
Does not start under load or
quits before battery is
completely dead
Low input voltage, <5V
VL output is so low that it hits
the VL UVLO threshold.
Low input voltage, <4.5V
Increase the minimum input voltage
or ignore.
Unstable—jitters between
different duty factors and
frequencies
Normal function of internal
low-dropout circuitry.
Reduce operation to 200kHz.
Reduce secondary impedances;
use a Schottky diode, if possible.
Stack secondary winding on the
main output.
Secondary output won’t
support a load
Low VIN-VOUT
differential, <0.5V
Not enough duty cycle left to
initiate forward-mode opera-
tion. Small AC current in
primary cannot store energy
for flyback operation.
Low VIN-VOUT
differential,
VIN < 1.3 x VOUT (main)
Reduce operation to 200kHz.
Reduce MOSFET on-resistance and
coil DCR.
Dropout voltage is too high
(VOUT follows VIN as VIN
decreases)
Maximum duty-cycle limits
exceeded.
Low VIN-VOUT
differential, <1V
Increase bulk output capacitance
per formula (see the Low-Voltage
Operation section). Reduce inductor
value.
SOLUTION
Limited inductor-current
slew rate per cycle.
ROOT CAUSE
Low VIN-VOUT
differential, <1.5V
CONDITION
Sag or droop in VOUT under
step-load change
SYMPTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com