Electronic Components Datasheet Search
  English  ▼

X  

MAX1632AEAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1632AEAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1632AEAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1632AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 13Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 14Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 15Page - Maxim Integrated Products MAX1632AEAI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
12
______________________________________________________________________________________
SHOOT-
THROUGH
CONTROL
R
Q
30mV
R
Q
LEVEL
SHIFT
1
μs
SINGLE-SHOT
1X
MAIN PWM
COMPARATOR
OSC
LEVEL
SHIFT
CURRENT
LIMIT
SYNCHRONOUS
RECTIFIER CONTROL
REF
SHDN
CK
-100mV
CSH_
CSL_
FROM
FEEDBACK
DIVIDER
BST_
DH_
LX_
VL
DL_
PGND
S
S
SLOPE COMP
SKIP
REF
SECFB
COUNTER
DAC
SOFT-START
Figure 3. PWM Controller Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com