Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 4 Page - Texas Instruments

  LP38798 Datasheet HTML 1Page - Texas Instruments LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LP38798
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of –40°C to +125°C. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Minimum and Maximum limits are specified through test, design, or statistical correlation. Unless
otherwise stated the following conditions apply: VIN = 5.5 V, VSET = 5.0 V, CCP= 10 nF X7R, CIN = 10 μF 50 mΩ Tantalum,
COUT = 10 μF X7R MLCC, IOUT = 10 mA, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
1.188
1.212
VFB
Feedback Voltage
1.2
V
5.5 V
≤ VIN ≤ 20.0 V
1.176
1.224
VOS
VOUT – VSET
0
3.5
16.0
mV
IFB
Feedback Pin Current
VFB = 1.2 V
-
0
1
µA
VIN = 3.0 V, VSET = 2.5 V
-
46
-
SET Pin Internal Current
ISET
VIN = 5.5 V, VSET = 5.0 V
25.2
52
67.8
μA
Sink
VIN = 12.5 V, VSET = 12.0 V
-
71
-
5.5 V
≤ VIN ≤ 20.0 V
ΔVOUT / ΔVIN Line Regulation
(1)
-
0.005
-
%/V
IOUT = 10 mA
ΔVOUT /
VIN = 5.5 V
Load Regulation(2)
-
-0.2
-
%/A
ΔIOUT
10 mA
≤ IOUT ≤ 800 mA
VDO
Dropout Voltage(3)
IOUT = 800 mA
-
200
420
mV
UVLO
Undervoltage Lock-Out
VIN Rising until output is on
2.47
2.65
2.83
V
VIN Falling from > UVLO threshold until
ΔUVLO
UVLO Hysteresis
-
180
-
mV
output is off
IOUT = 800 mA
-
1.4
2.25
IGND
Ground Pin Current(4)
mA
VIN = 20.0 V, IOUT = 800 mA
-
1.6
2.51
IOUT = 0 mA
-
1.4
2.1
Ground Pin Current,
IQ
mA
Quiescent(4)
VIN = 20.0 V, IOUT = 0 mA
-
1.5
2.2
VEN = 0.0 V
-
9
20
Ground Pin Current,
ISD
µA
Shutdown(4)
VIN = 20.0 V, VEN = 0.0 V
-
12
40
ISC
Short Circuit Current
RLOAD = 0Ω
850
1200
1600
mA
-
2.8
-
ΔVCP
VCP – VIN
V
VIN = 20.0V
-
2.3
-
From VEN > VEN(ON) to VOUT ≥ 98% of
tSTART
Start-up Time
-
155
300
µs
VOUT(NOM)
VOUT = 1.2 V, f = 10 kHz
-
110
-
VOUT = 5.0 V, f = 10 kHz
-
90
-
VOUT = 1.2 V, f = 100 kHz
-
90
-
Power Supply Rejection
PSRR
dB
Ratio
VOUT = 5.0 V, f = 100 kHz
-
60
-
VOUT = 1.2 V, f = 1 MHz
-
70
-
VOUT = 5.0 V, f = 1 MHz
-
60
-
(1)
Line Regulation: % change in VOUT(NOM) for every 1V change in VIN= (( ΔVOUT / VOUT(NOM)) / ΔVIN ) x 100%
(2)
Load Regulation: % change in VOUT(NOM) for every 1A change in IOUT = (( ΔVOUT / VOUT(NOM) ) / ΔIOUT ) x 100%
(3)
Dropout voltage (VDO) is defined as the differential voltage measured between VOUT and VIN when VIN, falling from VIN = VOUT + 1V,
causes VOUT to drop 2% below the value measured with VIN = VOUT + 1V. Dropout voltage specification does not apply when the
programmed output voltage is below the Minimum Operating Input Voltage.
(4)
Ground pin current is the sum of the current in both GND pins (Pin 4 + Pin 5) only, and does not include current from the SET pin.
4
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com