Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 5 Page - Texas Instruments

  LP38798 Datasheet HTML 1Page - Texas Instruments LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of –40°C to +125°C. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Minimum and Maximum limits are specified through test, design, or statistical correlation. Unless
otherwise stated the following conditions apply: VIN = 5.5 V, VSET = 5.0 V, CCP= 10 nF X7R, CIN = 10 μF 50 mΩ Tantalum,
COUT = 10 μF X7R MLCC, IOUT = 10 mA, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
VIN = 3.0 V, VOUT = 1.2 V
COUT = 1 µF X7R
-
4.96
-
BW = 10 Hz to 100 kHz
VIN = 3.0 V, VOUT = 1.2 V
-
5.21
-
BW = 10 Hz to 100 kHz
VIN = 3.0 V, VOUT = 1.2 V
-
11.53
-
BW = 10 Hz to 10 MHz
Output Noise Voltage
eN
µV(RMS)
(RMS)
VIN = 6.0 V, VOUT = 5.0 V
COUT = 1 µF X7R
-
5.38
-
BW = 10 Hz to 100 kHz
VIN = 6.0 V, VOUT = 5.0 V
-
5.43
-
BW = 10 Hz to 100 kHz
VIN = 6.0 V, VOUT = 5.0 V
-
11.58
-
BW = 10 Hz to 10 MHz
ENABLE INPUT
Enable ON Threshold
VEN rising from 500 mV until Output is
VEN(ON)
1.14
1.24
1.34
V
Voltage
ON
Enable Threshold Voltage
ΔVEN
VEN Falling from VEN(ON)
-
110
-
mV
Hysteresis
IEN(IL)
EN Pin Pull-up Current
VEN = 500 mV
-
2
3.0
µA
IEN(IH)
EN Pin Pull-up Current
VEN = 2.0 V
-
2
3.0
µA
Enable Pin Clamp
VEN(CLAMP)
EN pin = Open
-
5.0
-
V
Voltage
Thermal Shutdown
TSD
Thermal Shutdown
Junction Temperature (TJ) Rising
-
170
-
°C
Thermal Shutdown
Junction Temperature (TJ) Falling from
ΔTSD
-
12
-
Hysteresis
TSD
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com