Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments LP38798 Datasheet HTML 11Page - Texas Instruments LP38798 Datasheet HTML 12Page - Texas Instruments LP38798 Datasheet HTML 13Page - Texas Instruments LP38798 Datasheet HTML 14Page - Texas Instruments LP38798 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TIME (500µs/DIV)
C015
ûVOUT
I
OUT = 10 mA
I
OUT = 800 mA
I
OUT
200 mA
/DIV
ûVOUT
20 mV
/DIV
V
IN = 5.5 V
V
OUT = 5.0 V
C
OUT = 10 µF
TIME (500µs/DIV)
C014
I
OUT = 10 mA
I
OUT = 400 mA
ûVOUT
V
IN = 5.5 V
V
OUT = 5.0 V
C
OUT = 10 µF
I
OUT
200 mA
/DIV
ûVOUT
20 mV
/DIV
TIME (500µs/DIV)
C017
V
IN = 4.3 V
V
IN = 3.3 V
ûVOUT
V
IN
1 V
/DIV
ûVOUT
20 mV
/DIV
V
OUT = 1.2 V
C
OUT = 10 µF
I
OUT = 10 mA
TIME (500µs/DIV)
C016
ûVOUT
I
OUT = 400 mA
I
OUT = 800 mA
V
IN = 5.5 V
V
OUT = 5.0 V
C
OUT = 10 µF
I
OUT
200 mA
/DIV
ûVOUT
20 mV
/DIV
TIME (500µs/DIV)
C019
V
IN = 4.3 V
V
IN = 3.3 V
ûVOUT
V
OUT = 1.2 V
C
OUT = 10 µF
I
OUT = 800 mA
V
IN
1 V
/DIV
ûVOUT
20 mV
/DIV
TIME (500µs/DIV)
C018
V
OUT = 1.2 V
C
OUT = 10 µF
I
OUT = 400 mA
V
IN = 4.3 V
V
IN = 3.3 V
ûVOUT
ûVOUT
20 mV
/DIV
V
IN
1 V
/DIV
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VIN = 5.5V, VOUT = 5.0 V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Figure 32. Line Transient, VOUT = 1.2 V, IOUT = 800 mA
Figure 33. Line Transient, VOUT = 1.2 V, IOUT= 400 mA
Figure 34. Line Transient, VOUT = 1.2 V, IOUT= 10 mA
Figure 35. Load Transient, VOUT = 5.0 V, IOUT = 400 mA to
800 mA
Figure 36. Load Transient, VOUT = 5.0 V, IOUT = 10 mA to 800
Figure 37. Load Transient, VOUT = 5.0 V, IOUT = 10 mA to 400
mA
mA
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com