Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 13Page - Texas Instruments LP38798 Datasheet HTML 14Page - Texas Instruments LP38798 Datasheet HTML 15Page - Texas Instruments LP38798 Datasheet HTML 16Page - Texas Instruments LP38798 Datasheet HTML 17Page - Texas Instruments LP38798 Datasheet HTML 18Page - Texas Instruments LP38798 Datasheet HTML 19Page - Texas Instruments LP38798 Datasheet HTML 20Page - Texas Instruments LP38798 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
OUT(FB)
2
3
4
5
6
7
8
1
SET
FB
GND(CP)
CP
EN
IN(CP)
VIN
VOUT
GND
GND
CIN1
33 PF
50 m:
Tant
CCP
10 nF
COUT
10 PF
R1
47.5k
R2
15.0k
LP38798
GND
IN
IN
OUT
OUT
9
10
11
12
VEN
DAP
5.00V
5.50V
1 PF
MLCC
L1
10 PH
+
CIN2
47 PF
MLCC
+
(1.20V)
(5.00V)
OUT(FB)
2
3
4
5
6
7
8
1
SET
FB
GND(CP)
CP
EN
IN(CP)
VIN
VOUT
GND
GND
CCP
10 nF
COUT
10 PF
R1
47.5k
R2
15.0k
LP38798
GND
IN
IN
OUT
OUT
9
10
11
12
VEN
DAP
5.00V
5.50V
CIN
1 PF
MLCC
+
(1.20V)
(5.00V)
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
Typical Applications
Figure 41. Typical Application, VOUT = 5.0V
Figure 42. Improving PSRR at High Frequencies
Copyright © 2013, Texas Instruments Incorporated
17
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com