Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Vin = 5.5V
Vin = 6.0V
C001
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
I
OUT = 10 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Vin = 5.5V
Vin = 6.0V
C002
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
I
OUT = 100 mA
0.001
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Cout = 1 µF
Cout = 10 µF
C009
V
IN = 3.0 V
V
OUT = 1.2 V
I
OUT = 500 mA
0.001
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Cout = 1 µF
Cout = 10 µF
C010
V
IN = 6.0 V
V
OUT = 5.0 V
I
OUT = 500 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10 mA
100 mA
200 mA
400 mA
800 mA
C007
V
IN = 5.5 V
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10 mA
100 mA
200 mA
400 mA
800 mA
C008
V
IN = 6.0 V
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
LP38798
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified: VIN = 5.5V, VOUT = 5.0 V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Figure 2. PSRR, VIN = 5.5V, VOUT = 5.0V
Figure 3. PSRR, VIN = 6.0 V, VOUT = 5.0 V
Figure 4. Noise Density, VOUT = 1.2 V
Figure 5. Noise Density, VOUT = 5.0 V
Figure 6. PSRR, VOUT = 5.0 V, IOUT = 10 mA
Figure 7. PSRR, VOUT = 5.0 V, IOUT = 100 mA
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com