Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 1 Page - Texas Instruments

  LP38798 Datasheet HTML 1Page - Texas Instruments LP38798 Datasheet HTML 2Page - Texas Instruments LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OUT(FB)
2
3
4
5
6
7
8
1
SET
FB
GND(CP)
CP
EN
IN(CP)
VIN
VOUT
GND
GND
CIN
CCP
COUT
R1
R2
LP38798-ADJ
GND
IN
IN
OUT
OUT
9
10
11
12
VEN
DAP
ON
OFF
+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for
RF/Analog Circuits
1
FEATURES
DESCRIPTION
The LP38798-ADJ is a high performance linear
•
Ultra-Low Output Noise: 5 µVRMS (10Hz to 100
regulator capable of supplying 800 mA output current.
kHz)
Designed to meet the requirements of sensitive
•
High PSRR: 90 dB at 10 kHz, 60 dB at 100 kHz
RF/Analog circuitry, the LP38798-ADJ implements a
•
Wide Operating Input Voltage Range: 3.0V to
novel linear topology on an advanced CMOS process
to deliver ultra-low output noise and high PSRR at
20V
switching
power
supply
frequencies.
The
•
±1.0% Output Voltage Initial Accuracy (TJ =
LP38798SD-ADJ is stable with both ceramic and
25°C)
tantalum output capacitors and requires a minimum
•
Very Low Dropout : 200 mV (Typical) at 800mA
output capacitance of only 1 µF for stability.
•
Stable with Ceramic or Tantalum Output
The LP38798-ADJ can operate over a wide input
Capacitors
voltage range (3.0V to 20V) making it well suited for
•
Excellent Line and Load Transient Response
many post-regulation applications.
•
Current Limit and Over-Temperature
The LP38798-ADJ is available in a 12-Lead WSON
Protection
package (4.0 x 4.0 x 0.8 mm) with Thermal Pad.
APPLICATIONS
•
RF and VCO Power
•
Wireless LAN Devices
•
Wireless Cable Modems
•
Low Noise Post-Regulation
Typical Application Circuit
*.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38798

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
More results

Similar Description - LP38798

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
logo
Texas Instruments
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
logo
Analog Devices
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com