Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments LP38798 Datasheet HTML 11Page - Texas Instruments LP38798 Datasheet HTML 12Page - Texas Instruments LP38798 Datasheet HTML 13Page - Texas Instruments LP38798 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TIME (500µs/DIV)
C021
V
IN = 7.0V
V
IN = 6.0V
ûVOUT
V
OUT = 5.0 V
C
OUT = 10 µF
I
OUT = 400 mA
V
IN
1 V
/DIV
ûVOUT
20 mV
/DIV
TIME (500µs/DIV)
C020
V
IN = 7.0 V
V
IN = 6.0 V
ûVOUT
V
OUT = 5.0 V
C
OUT = 10 µF
I
OUT = 10 mA
V
IN
1 V
/DIV
ûVOUT
20 mV
/DIV
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (
ƒC)
C039
TIME (500µs/DIV)
C022
V
IN = 7.0 V
V
IN = 6.0 V
ûVOUT
V
OUT = 5.0 V
C
OUT = 10 µF
I
OUT = 800 mA
V
IN
1 V
/DIV
ûVOUT
20 mV
/DIV
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
TEMPERATURE, T
J (ƒC)
C036
V
IN = 5.5 V
V
OUT = 5.0 V
ûIOUT = 10 mA to 800 mA
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
TEMPERATURE, T
J (ƒC)
C037
ûVIN = 5.5 V to 15 V
V
OUT = 5.0 V
I
OUT = 10 mA
LP38798
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VIN = 5.5V, VOUT = 5.0 V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Figure 26. Load Regulation vs. TJ
Figure 27. Line Regulation vs. TJ
Figure 28. Current Limit, ISC vs. TJ
Figure 29. Line Transient, VOUT = 5.0 V, IOUT = 800 mA
Figure 30. Line Transient, VOUT = 5.0 V, IOUT = 400 mA
Figure 31. Line Transient, VOUT = 5.0 V, IOUT = 10 mA
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com