Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments LP38798 Datasheet HTML 11Page - Texas Instruments LP38798 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
V
IN (V)
Vout = 5.0V
Vout = 3.3V
Vout = 1.2V
C038
UVLO
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
TEMPERATURE, T
J (ƒC )
C029
V
IN = 5.5 V
Normalized to T
J = 25ƒC
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TIME (50µs/DIV)
Ven
Vout 125
ƒC
Vout 25
ƒC
Vout -40
ƒC
C027
V
IN = 5.5 V
V
OUT = 1.5 V
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TIME (50µs/DIV)
Ven
Vout -40
ƒC
Vout 25
ƒC
Vout 125
ƒC
C028
V
IN = 5.5 V
V
OUT = 5.0 V
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
2
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE, V
IN (V)
C025
Rising V
EN (ON)
Falling V
EN (OFF)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
TIME (50µs/DIV)
Ven
Vout 125
ƒC
Vout 25
ƒC
Vout -40
ƒC
C026
V
IN = 5.5 V
V
OUT = 1.2 V
LP38798
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VIN = 5.5V, VOUT = 5.0 V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Figure 14. Enable Thresholds vs VIN
Figure 15. Start-up Time, VOUT = 1.2 V
Figure 16. Start-up Time, VOUT = 1.5V
Figure 17. Start-up Time, VOUT = 5.0 V
Figure 18. VOUT vs. Rising VIN
Figure 19. VFB Variation vs. TJ
8
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com