Electronic Components Datasheet Search
  English  ▼

X  

LP38798 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP38798
Description  LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38798 Datasheet HTML 3Page - Texas Instruments LP38798 Datasheet HTML 4Page - Texas Instruments LP38798 Datasheet HTML 5Page - Texas Instruments LP38798 Datasheet HTML 6Page - Texas Instruments LP38798 Datasheet HTML 7Page - Texas Instruments LP38798 Datasheet HTML 8Page - Texas Instruments LP38798 Datasheet HTML 9Page - Texas Instruments LP38798 Datasheet HTML 10Page - Texas Instruments LP38798 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
TEMPERATURE, T
J (ƒC)
C023
Rising V
IN (ON)
Falling V
IN (OFF)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-50
-25
0
25
50
75
100
125
TEMPERATURE, T
J (ƒC)
C024
Rising V
EN (ON)
Falling V
EN (OFF)
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Vin = 5.5V
Vin = 6.0V
C005
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
I
OUT = 800 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Cout = 10 µF
Cout = 50 µF
C006
V
IN = 5.5 V
V
OUT = 5.0 V
I
OUT = 800 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Vin = 5.5V
Vin = 6.0V
C003
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
I
OUT = 200 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Vin = 5.5V
Vin = 6.0V
C004
V
OUT = 5.0 V
C
OUT = 10 µF MLCC
I
OUT = 400 mA
LP38798
www.ti.com
SNOSCT6A – MARCH 2013 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: VIN = 5.5V, VOUT = 5.0 V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Figure 8. PSRR, VOUT = 5.0 V, IOUT = 200 mA
Figure 9. PSRR, VOUT = 5.0 V, IOUT = 400 mA
Figure 10. PSRR, VOUT = 5.0 V, IOUT = 800 mA
Figure 11. PSRR, VOUT = 5.0 V, IOUT= 800mA
Figure 12. UVLO Thresholds vs. TJ
Figure 13. Enable Thresholds vs. TJ
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: LP38798



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com