Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments AM3359 Datasheet HTML 110Page - Texas Instruments AM3359 Datasheet HTML 111Page - Texas Instruments AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments AM3359 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 236 page
background image
VDDS_RTC
RTC_XTALOUT
t
sX
CAP_VDD_RTC (min.)
Time
VSS_RTC
VDDS_RTC (min.)
VSS_RTC
CAP_VDD_RTC
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 4-5. OSC1 Crystal Circuit Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fxtal
Crystal parallel resonance
Fundamental mode oscillation only
32.768
kHz
frequency
Crystal frequency stability
Maximum RTC error = 10.512 minutes
-20.0
20.0
ppm
and tolerance
per year
Maximum RTC error = 26.28 minutes per
-50.0
50.0
ppm
year
CC1
C1 capacitance
12.0
24.0
pF
CC2
C2 capacitance
12.0
24.0
pF
Cshunt
Shunt capacitance
1.5
pF
ESR
Crystal effective series
fxtal = 32.768 kHz, oscillator has nominal
80
k
Ω
resistance
negative resistance of 725 k
Ω and worst-
case negative resistance of 250 k
Ω
Table 4-6. OSC1 Crystal Circuit Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Cpkg
Shunt capacitance of
ZCE package
0.17
pF
package
ZCZ package
0.01
pF
Pxtal
The actual values of the ESR, fxtal, and CL should be used to yield a
Pxtal = 0.5 ESR (2 π fxtal
typical crystal power dissipation value. Using the maximum values
CL VDDS_RTC)
2
specified for ESR, fxtal, and CL parameters yields a maximum power
dissipation value.
tsX
Start-up time
2
s
Figure 4-13. OSC1 Start-up Time
Copyright © 2011–2013, Texas Instruments Incorporated
Power and Clocking
111
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com