Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments AM3359 Datasheet HTML 110Page - Texas Instruments AM3359 Datasheet HTML 111Page - Texas Instruments AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments AM3359 Datasheet HTML 115Page - Texas Instruments AM3359 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 236 page
background image
AM335x
(ZCZ Package)
RTC_XTALIN
RTC_XTALOUT
N/C
LVCMOS
Digital
Clock
Source
VSS_RTC
VDDS_RTC
AM335x
(ZCE Package)
RTC_XTALIN
RTC_XTALOUT
N/C
LVCMOS
Digital
Clock
Source
VDDS_RTC
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
4.2.2.4
OSC1 LVCMOS Digital Clock Source
Figure 4-14 shows the recommended oscillator connections when OSC1 of the ZCE package is connected
to an LVCMOS square-wave digital clock source and Figure 4-15 shows the recommended oscillator
connections when OSC1 of the ZCZ package is connected to an LVCMOS square-wave digital clock
source. The LVCMOS clock source is connected to the RTC_XTALIN terminal. In this mode of operation,
the RTC_XTALOUT terminal should not be used to source any external components. The printed circuit
board design should provide a mechanism to disconnect the RTC_XTALOUT terminal from any external
components or signal traces that may couple noise into OSC1 via the RTC_XTALOUT terminal.
The RTC_XTALIN terminal has a 10 - 40 k
Ω internal pull-up resistor which is enabled when OSC1 is
disabled. This internal resistor prevents the RTC_XTALIN terminal from floating to an invalid logic level
which may increase leakage current through the oscillator input buffer.
Figure 4-14. OSC1 (ZCE Package) LVCMOS Circuit Schematic
Figure 4-15. OSC1 (ZCZ Package) LVCMOS Circuit Schematic
Table 4-7. OSC1 LVCMOS Reference Clock Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f(RTC_XTALIN)
Frequency, LVCMOS reference clock
32.768
MHz
Frequency, LVCMOS reference clock
Maximum RTC error =
-20
20
ppm
stability and tolerance(1)
10.512 minutes/year
Maximum RTC error = 26.28
-50
50
ppm
minutes/year
tdc(RTC_XTALIN)
Duty cycle, LVCMOS reference clock period
45
55
%
tjpp(RTC_XTALIN)
Jitter peak-to-peak, LVCMOS reference clock period
-1
1
%
tR(RTC_XTALIN)
Time, LVCMOS reference clock rise
5
ns
tF(RTC_XTALIN)
Time, LVCMOS reference clock fall
5
ns
(1)
Initial accuracy, temperature drift, and aging effects should be combined when evaluating a reference clock for this requirement.
112
Power and Clocking
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com