Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 49Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 50Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 51Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 52Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 53Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 54Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 55Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 56Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Power saving modes
Doc ID 8349 Rev 5
53/166
SLOW mode is controlled by the SMS bit in the MCCSR register which enables or disables
SLOW mode.
In this mode, the oscillator frequency is divided by 32. The CPU and peripherals are clocked
at this lower frequency.
Note:
SLOW-WAIT mode is activated when entering WAIT mode while the device is already in
SLOW mode.
Figure 22. SLOW mode clock transition
9.3
WAIT mode
WAIT mode places the MCU in a low power consumption mode by stopping the CPU.
This power saving mode is selected by calling the “WFI” instruction.
All peripherals remain active. During WAIT mode, the I bit of the CC register is cleared, to
enable all interrupts. All other registers and memory remain unchanged. The MCU remains
in WAIT mode until an interrupt or RESET occurs, whereupon the Program Counter
branches to the starting address of the interrupt or Reset service routine.
The MCU will remain in WAIT mode until a RESET or an Interrupt occurs, causing it to wake
up.
Refer to Figure 23.
SMS
fCPU
Normal Run mode
request
fOSC
fOSC/32
fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com