Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 65Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 66Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 67Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 68Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 69Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 70Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 71Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 72Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
I/O ports
Doc ID 8349 Rev 5
69/166
Note:
On ports where the external interrupt capability is selected using the EISR register, the
configuration will be as follows:
Interrupt ports
Open drain output
1
0
Push-pull output
1
1
Table 27.
Port configuration (standard ports)
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
Floating
Pull-up
Open drain
Push-pull
Port B
PB6:0
Floating
Pull-up
Open drain
Push-pull
Table 26.
Ports PA7:0, PB6:0 (continued)
Mode
DDR
OR
Table 28.
Port configuration (Interrupt ports)
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7:0
Floating
Pull-up interrupt
Open drain
Push-pull
Port B
PB6:0
Floating
Pull-up interrupt
Open drain
Push-pull
Table 29.
Ports where the external interrupt capability selected using the EISR
register
Mode
DDR
OR
Floating input
0
0
Pull-up interrupt input
0
1
Open drain output
1
0
Push-pull output
1
1
Table 30.
I/O port register map and reset values
Address
(Hex.)
Register
label
7654321
0
0000h
PADR
Reset value
MSB
1111111
LSB
1
0001h
PADDR
Reset value
MSB
0000000
LSB
0
0002h
PAOR
Reset value
MSB
0100000
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com