Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 61Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 62Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 63Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 64Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 65Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 66Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 67Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 68Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
I/O ports
Doc ID 8349 Rev 5
65/166
10.2.3
Alternate functions
Many ST7s I/Os have one or more alternate functions. These may include output signals
from, or input signals to, on-chip peripherals. The Device Pin Description table describes
which peripheral signals can be input/output to which ports.
A signal coming from an on-chip peripheral can be output on an I/O. To do this, enable the
on-chip peripheral as an output (enable bit in the peripheral’s control register). The
peripheral configures the I/O as an output and takes priority over standard I/O programming.
The I/O’s state is readable by addressing the corresponding I/O data register.
Configuring an I/O as floating enables alternate function input. It is not recommended to
configure an I/O as pull-up as this will increase current consumption.
Before using an I/O as an alternate input, configure it without interrupt. Otherwise spurious
interrupts can occur.
Configure an I/O as input floating for an on-chip peripheral signal which can be input and
output.
Caution:
I/Os which can be configured as both an analog and digital alternate function need special
attention.
The user must control the peripherals so that the signals do not arrive at the same time on
the same pin. If an external clock is used, only the clock alternate function should be
employed on that I/O pin and not the other alternate function.
Figure 31. I/O port general block diagram
DR
DDR
OR
PAD
VDD
Alternate
enable
Alternate
output
1
0
OR SEL
DDR SEL
DR SEL
Pull-up
condition
P-buffer
(see table below)
N-buffer
PULL-UP
(see table below)
1
0
Analog
input
If implemented
Alternate
input
VDD
Diodes
(see table below)
From
other
bits
External
request (eix)
interrupt
Sensitivity
selection
CMOS
Schmitt
trigger
Register
access
bit
From on-chip periphera
l
To on-chip peripheral
.
Combinational
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com