Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 53Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 54Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 55Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 56Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 57Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 58Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 59Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 60Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Power saving modes
Doc ID 8349 Rev 5
57/166
instruction. The main reason for this is that the I/O may be wrongly configured due to
external interference or by an unforeseen logical condition.
●
For the same reason, reinitialize the level sensitiveness of each external interrupt as a
precautionary measure.
●
The opcode for the HALT instruction is 0x8E. To avoid an unexpected HALT instruction
due to a program counter failure, it is advised to clear all occurrences of the data value
0x8E from memory. For example, avoid defining a constant in program memory with
the value 0x8E.
●
As the HALT instruction clears the interrupt mask in the CC register to allow interrupts,
the user may choose to clear all pending interrupt bits before executing the HALT
instruction. This avoids entering other peripheral interrupt routines after executing the
external interrupt routine corresponding to the wake-up event (reset or external
interrupt).
9.5
ACTIVE-HALT mode
ACTIVE-HALT mode is the lowest power consumption mode of the MCU with a real time
clock available. It is entered by executing the ‘HALT’ instruction.
The decision to enter either in ACTIVEHALT or HALT mode is given by the LTCSR/ATCSR
register status as shown in the following table:
The MCU can exit ACTIVE-HALT mode on reception of a specific interrupt (see Table 12:
Interrupt mapping) or a RESET:
●
When exiting ACTIVE-HALT mode by means of a RESET, a 256 or 4096 CPU cycle
delay occurs. After the start up delay, the CPU resumes operation by fetching the reset
vector which woke it up (see Figure 27: ACTIVE-HALT mode Flow-chart).
●
When exiting ACTIVE-HALT mode by means of an interrupt, the CPU immediately
resumes operation by servicing the interrupt vector which woke it up (see Figure 27:
ACTIVE-HALT mode Flow-chart).
When entering ACTIVE-HALT mode, the I bit in the CC register is cleared to enable
interrupts.
Therefore, if an interrupt is pending, the MCU wakes up immediately.
In ACTIVE-HALT mode, only the main oscillator and the selected timer counter (LT/AT) are
running to keep a wake-up time base. All other peripherals are not clocked except those
which get their clock supply from another clock generator (such as external or auxiliary
oscillator).
Table 18.
ACTIVE-HALT mode
LTCSR1 TB1IE
bit
ATCSR OVFIE
bit
ATCSRCK1
bit
ATCSRCK0 bit
Meaning
0x
x
0
ACTIVE-HALT
mode disabled
00
x
x
1x
x
x
ACTIVE-HALT
mode enabled
x1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com