Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 77Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 78Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 79Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 80Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 81Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 82Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 83Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 84Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
81/166
Autoreload register (ATRL)
Read / Write
Reset Value: 0000 0000 (00h)
i
PWM output control register (PWMCR)
Read/Write
Reset Value: 0000 0000 (00h)
●
Bits 7:0 =
OE[3:0] PWMx output enable
These bits are set and cleared by software and cleared by hardware after a reset.
0: PWM mode disabled. PWMx output alternate function disabled: I/O pin free for
general purpose I/O after an overflow event.
1: PWM mode enabled
PWMx control status register (PWMxCSR)
Read / Write
Reset Value: 0000 0000 (00h)
●
Bits 7:2 = Reserved, must be kept cleared
●
Bit 1 =
OPx PWMx Output Polarity
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the polarity of the PWM signal.
0: The PWM signal is not inverted
1: The PWM signal is inverted
●
Bit 0 =
CMPFx PWMx Compare Flag
This bit is set by hardware and cleared by software by reading the PWMxCSR register.
It indicates that the upcounter value matches the DCRx register value.
0: Upcounter value does not match DCR value.
1: Upcounter value matches DCR value
7
0
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
7
0
0OE30OE2
0OE10OE0
7
6
0
000
00
0
OPx
OE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com