Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 96Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 97Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 98Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 99Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 100Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 101Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 102Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 103Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
100/166
Doc ID 8349 Rev 5
11.4.7
Interrupts
Note:
The SPI interrupt events are connected to the same interrupt vector (see Section 8:
Interrupts).
They generate an interrupt if the corresponding Enable Control bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
11.4.8
Register description
Control register (SPICR)
Read/Write
Reset Value: 0000 xxxx (0xh)
●
Bit 7 =
SPIE Serial peripheral interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SPI interrupt is generated whenever an End of Transfer event, Master mode Fault
or Overrun error occurs (SPIF=1, MODF=1 or OVR=1 in the SPICSR register).
●
Bit 6 =
SPE Serial Peripheral Output Enable
This bit is set and cleared by software. It is also cleared by hardware when, in master
mode, SS=0 (see Section : Master mode fault (MODF)). The SPE bit is cleared by
reset, so the SPI peripheral is not initially connected to the external pins.
0: I/O pins free for general purpose I/O
1: SPI I/O pin alternate functions enabled.
●
Bit 5 =
SPR2 Divider enable
This bit is set and cleared by software and is cleared by reset. It is used with the
SPR[1:0] bits to set the baud rate. Refer to Table 42: SPI Master mode SCK frequency.
0: Divider by 2 enabled
1: Divider by 2 disabled
Note:
This bit has no effect in slave mode.
●
Bit 4 =
MSTR Master mode
This bit is set and cleared by software. It is also cleared by hardware when, in master
mode, SS=0 (see Section : Master mode fault (MODF)).
0: Slave mode
Table 41.
Interrupt events
Interrupt Event
Event
flag
Enable
control
bit
Exit
from
WAIT
Exit
from
HALT
SPI end of transfer event
SPIF
SPIE
Yes
Yes
Master mode fault event
MODF
Yes
No
Overrun error
OVR
Yes
No
7
0
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR1
SPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com