Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 54Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 55Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 56Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 57Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 58Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 59Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 60Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 61Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 166 page
background image
Power saving modes
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
58/166
Doc ID 8349 Rev 5
Note:
As soon as ACTIVE-HALT is enabled, executing a HALT instruction while the Watchdog is
active does not generate a RESET.
This means that the device cannot spend more than a defined delay in this power saving
mode.
Figure 26. ACTIVE-HALT timing overview
1.
This delay occurs only if the MCU exits ACTIVE-HALT mode by means of a RESET.
Figure 27. ACTIVE-HALT mode Flow-chart
1.
Peripherals clocked with an external clock source can still be active.
2.
Only the RTC1 interrupt and some specific interrupts can exit the MCU from ACTIVE-HALT mode. Refer to
Table 12: Interrupt mapping for more details.
3.
Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set
during the interrupt routine and cleared when the CC register is popped.
halt
Run
Run
256 or 4096 CPU
cycle delay (1)
Reset
or
interrupt
HALT
instruction
Fetch
vector
Active-
[ACTIVE-HALT enabled]
HALT instruction
Reset
Interrupt (2)
Y
N
N
Y
CPU
Oscillator
Peripherals (1)
Ibit
ON
OFF
0
OFF
Fetch reset vector
or service interrupt
CPU
Oscillator
Peripherals (1)
Ibit
ON
OFF
X (3)
ON
CPU
Oscillator
Peripherals
Ibit
ON
ON
X (3)
ON
256 or 4096 CPU clock
delay
(ACTIVE-HALT enabled)
(AWUCSR.AWUEN=0)
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com