Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 34Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 35Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 36Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 37Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 38Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 39Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 40Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 41Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 166 page
background image
Supply, reset and clock management
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
38/166
Doc ID 8349 Rev 5
7.5
Reset sequence manager (RSM)
7.5.1
Introduction
The reset sequence manager includes three RESET sources as shown in Figure 15: Reset
block diagram:
●
External RESET source pulse
●
Internal LVD RESET (low voltage detection)
●
Internal WATCHDOG RESET
Note:
A reset can also be triggered following the detection of an illegal opcode or prebyte code.
Refer to Section 12.2.1: Illegal opcode reset for further details.
These sources act on the RESET pin and it is always kept low during the delay phase.
The RESET service routine vector is fixed at addresses FFFEh-FFFFh in the ST7 memory
map.
The basic RESET sequence consists of 3 phases as shown in Figure 14:
●
Active Phase depending on the RESET source
●
256 or 4096 CPU clock cycle delay (see table below)
●
RESET vector fetch.
The 256 or 4096 CPU clock cycle delay allows the oscillator to stabilise and ensures that
recovery has taken place from the Reset state. The shorter or longer clock cycle delay is
automatically selected depending on the clock source chosen by option byte:
The RESET vector fetch phase duration is 2 clock cycles.
If the PLL is enabled by option byte, it outputs the clock after an additional delay of tSTARTUP
(see Figure 12: PLL output frequency timing diagram).
Figure 14. RESET sequence phases
Table 8.
CPU Clock cycle delay
Clock source
CPU clock
cycle delay
Internal RC oscillator
256
External clock (connected to CLKIN pin)
256
External crystal/ceramic oscillator
(connected to OSC1/OSC2 pins)
4096
RESET
Active phase
Internal reset
256 or 4096 clock cycles
Fetch
vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com