Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 20Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 21Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 22Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 23Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 24Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 25Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 26Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 27Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 166 page
background image
Data EEPROM
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
24/166
Doc ID 8349 Rev 5
5
Data EEPROM
5.1
Introduction
The Electrically Erasable Programmable Read Only Memory can be used as a non-volatile
backup for storing data. Using the EEPROM requires a basic access protocol described in
this chapter.
5.2
Main features
●
Up to 32 bytes programmed in the same cycle
●
EEPROM mono-voltage (charge pump)
●
Chained erase and programming cycles
●
Internal control of the global programming cycle duration
●
WAIT mode management
●
Read-out protection
Figure 6.
EEPROM block diagram
5.3
Memory access
The Data EEPROM memory read/write access modes are controlled by the E2LAT bit of the
EEPROM Control/Status register (EECSR). The flowchart in Figure 7 describes these
different memory access modes.
EECSR
High voltage
pump
0
E2LAT
0
0
0
0
0
E2PGM
EEPROM
memory matrix
(1 ROW = 32 x 8 BITS)
Address
decoder
Data
multiplexer
32 x 8 bits
data latches
Row
decoder
DATA BUS
4
4
4
128
128
Address bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com