Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 84Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 85Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 86Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 87Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 88Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 89Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 90Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 91Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
88/166
Doc ID 8349 Rev 5
11.3.5
Interrupts
Note:
The TBxF and ICF interrupt events are connected to separate interrupt vectors (see
Interrupts chapter).
They generate an interrupt if the enable bit is set in the LTCSR1 or LTCSR2 register and the
interrupt mask in the CC register is reset (RIM instruction).
11.3.6
Register description
Lite timer control/status register 2 (LTCSR2)
Read / Write
Reset Value: 0000 0000 (00h)
●
Bits 7:2 = Reserved, must be kept cleared.
●
Bit 1 =
TB2IE Timebase 2 Interrupt enable
This bit is set and cleared by software.
0: Timebase (TB2) interrupt disabled
1: Timebase (TB2) interrupt enabled
●
Bit 0 =
TB2F Timebase 2 Interrupt Flag
This bit is set by hardware and cleared by software reading the LTCSR register. Writing
to this bit has no effect.
0: No Counter 2 overflow
1: A Counter 2 overflow has occurred.
Table 38.
TBxF and ICF interrupt events
Interrupt event
Event flag
Enable Control
bit
Exit from
WAIT
Exit from
ACTIVE-
HALT
Exit from
HALT
Timebase 1 event
TB1F
TB1IE
Yes
Yes
No
Timebase 2 event
TB2F
TB2IE
Yes
No
No
IC event
ICF
ICIE
Yes
No
No
7
0
000
00
0
TB2IE
TB2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com