Electronic Components Datasheet Search
  English  ▼

X  

ST7FLITE25F1B6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 85Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 86Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 87Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 88Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 89Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 90Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 91Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 92Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
On-chip peripherals
Doc ID 8349 Rev 5
89/166
Lite timer autoreload register (LTARR)
Read / Write
Reset Value: 0000 0000 (00h)
●
Bits 7:0 =
AR[7:0] Counter 2 Reload Value
These bits register is read/write by software. The LTARR value is automatically loaded
into Counter 2 (LTCNTR) when an overflow occurs.
Lite timer counter 2 (LTCNTR)
Read only
Reset Value: 0000 0000 (00h)
●
Bits 7:0 =
CNT[7:0] Counter 2 Reload Value
This register is read by software. The LTARR value is automatically loaded into Counter
2 (LTCNTR) when an overflow occurs.
Lite timer control/status register (LTCSR1)
Read / Write
Reset Value: 0x00 0000 (x0h)
●
Bit 7 =
ICIE Interrupt Enable
This bit is set and cleared by software.
0: Input Capture (IC) interrupt disabled
1: Input Capture (IC) interrupt enabled
●
Bit 6 =
ICF Input Capture Flag
This bit is set by hardware and cleared by software by reading the LTICR register.
Writing to this bit does not change the bit value.
0: No input capture
1: An input capture has occurred
Note:
After an MCU reset, software must initialise the ICF bit by reading the LTICR register
●
Bit 5 =
TB Timebase period selection
This bit is set and cleared by software.
7
0
AR7
AR7
AR7
AR7
AR3
AR2
AR1
AR0
7
0
CNT7
CNT6
CNT5
CNT4
CNT3
CNT2
CNT1
CNT0
7
0
ICIE
ICF
TB
TB1IE
TB1F
−−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com