Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 38 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 38 Page - Analog Devices

Back Button OP196 Datasheet HTML 34Page - Analog Devices OP196 Datasheet HTML 35Page - Analog Devices OP196 Datasheet HTML 36Page - Analog Devices OP196 Datasheet HTML 37Page - Analog Devices OP196 Datasheet HTML 38Page - Analog Devices OP196 Datasheet HTML 39Page - Analog Devices OP196 Datasheet HTML 40Page - Analog Devices OP196 Datasheet HTML 41Page - Analog Devices OP196 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 38 of 88
USER INTERFACE TO ON-CHIP PERIPHERALS
This section gives a brief overview of the various peripherals
also available on-chip. A summary of the SFRs used to control
and configure these peripherals is also given.
DAC
The ADuC841/ADuC842 incorporate two 12-bit voltage output
DACs on-chip. Each has a rail-to-rail voltage output buffer
capable of driving 10 kΩ/100 pF. Each has two selectable ranges,
0 V to VREF (the internal band gap 2.5 V reference) and 0 V to
AVDD. Each can operate in 12-bit or 8-bit mode.
Both DACs share a control register, DACCON, and four data
registers, DAC1H/L, DAC0/L. Note that in 12-bit asynchronous
mode, the DAC voltage output is updated as soon as the DACL
data SFR has been written; therefore, the DAC data registers
should be updated as DACH first, followed by DACL. Note that
for correct DAC operation on the 0 V to VREF range, the ADC
must be switched on. This results in the DAC using the correct
reference value.
DACCON
DAC Control Register
SFR Address
FDH
Power-On Default
04H
Bit Addressable
No
Table 15. DACCON SFR Bit Designations
Bit No.
Name
Description
7
MODE
The DAC MODE bit sets the overriding operating mode for both DACs.
Set to 1 by the user to select 8-bit mode (write 8 bits to DACxL SFR).
Set to 0 by the user to select 12-bit mode.
6
RNG1
DAC1 Range Select Bit.
Set to 1 by the user to select the range for DAC1 as 0 V to VDD.
Set to 0 by the user to select the range for DAC1 as 0 V to VREF.
5
RNG0
DAC0 Range Select Bit.
Set to 1 by the user to select the range for DAC0 as 0 V to VDD.
Set to 0 by the user to select the range for DAC0 as 0 V to VREF.
4
CLR1
DAC1 Clear Bit.
Set to 1 by the user to leave the output of DAC1 at its normal level.
Set to 0 by the user to force the output of DAC1 to 0 V.
3
CLR0
DAC0 Clear Bit.
Set to 1 by the user to leave the output of DAC0 at its normal level.
Set to 0 by the user to force the output of DAC0 to 0 V.
2
SYNC
DAC0/1 Update Synchronization Bit.
When set to 1, the DAC outputs update as soon as DACxL SFRs are written. The user can simultaneously update
both DACs by first updating the DACxL/H SFRs while SYNC is 0. Both DACs then update simultaneously when the
SYNC bit is set to 1.
1
PD1
DAC1 Power-Down Bit.
Set to 1 by the user to power on DAC1.
Set to 0 by the user to power off DAC1.
0
PD0
DAC0 Power-Down Bit.
Set to 1 by the user to power on DAC0.
Set to 0 by the user to power off DAC0.
DACxH/L
DAC Data Registers
Function
DAC data registers, written by the user to update the DAC output.
SFR Address
DAC0L (DAC0 Data Low Byte) -> F9H; DAC1L (DAC1 Data Low Byte) -> FBH
DACH (DAC0 Data High Byte) -> FAH; DAC1H (DAC1 Data High Byte) -> FCH
Power-On Default
00H
All Four Registers.
Bit Addressable
No
All Four Registers.
The 12-bit DAC data should be written into DACxH/L right-justified such that DACxL contains the lower 8 bits, and the lower nibble of
DACxH contains the upper 4 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com