Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 45 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 45 Page - Analog Devices

Back Button OP196 Datasheet HTML 41Page - Analog Devices OP196 Datasheet HTML 42Page - Analog Devices OP196 Datasheet HTML 43Page - Analog Devices OP196 Datasheet HTML 44Page - Analog Devices OP196 Datasheet HTML 45Page - Analog Devices OP196 Datasheet HTML 46Page - Analog Devices OP196 Datasheet HTML 47Page - Analog Devices OP196 Datasheet HTML 48Page - Analog Devices OP196 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 45 of 88
SERIAL PERIPHERAL INTERFACE (SPI)
The ADuC841/ADuC842/ADuC843 integrate a complete hard-
ware serial peripheral interface on-chip. SPI is an industry-
standard synchronous serial interface that allows 8 bits of data
to be synchronously transmitted and received simultaneously,
i.e., full duplex. Note that the SPI pins are shared with the I2C
pins. Therefore, the user can enable only one interface or the
other on these pins at any given time (see SPE in Table 18). SPI
can be operated at the same time as the I2C interface if the
MSPI bit in CFG841/CFG8842 is set. This moves the SPI
outputs (MISO, MOSI, and SCLOCK) to P3.3, P3.4, and P3.5,
respectively). The SPI port can be configured for master or slave
operation and typically consists of four pins, described in the
following sections.
MISO (Master In, Slave Out Data I/O Pin)
The MISO pin is configured as an input line in master mode
and as an output line in slave mode. The MISO line on the
master (data in) should be connected to the MISO line in the
slave device (data out). The data is transferred as byte-wide
(8-bit) serial data, MSB first.
MOSI (Master Out, Slave In Pin)
The MOSI pin is configured as an output line in master mode
and as an input line in slave mode. The MOSI line on the master
(data out) should be connected to the MOSI line in the slave
device (data in). The data is transferred as byte-wide (8-bit)
serial data, MSB first.
SCLOCK (Serial Clock I/O Pin)
The master serial clock (SCLOCK) is used to synchronize the
data being transmitted and received through the MOSI and
MISO data lines. A single data bit is transmitted and received in
each SCLOCK period. Therefore, a byte is transmitted/received
after eight SCLOCK periods. The SCLOCK pin is configured as
an output in master mode and as an input in slave mode. In
master mode, the bit rate, polarity, and phase of the clock are
controlled by the CPOL, CPHA, SPR0, and SPR1 bits in the
SPICON SFR (see Table 18). In slave mode, the SPICON register
must be configured with the phase and polarity (CPHA and
CPOL) of the expected input clock. In both master and slave
modes, the data is transmitted on one edge of the SCLOCK
signal and sampled on the other. It is important, therefore, that
CPHA and CPOL are configured the same for the master and
slave devices.
SS (Slave Select Input Pin)
The SS pin is shared with the ADC5 input. To configure this pin
as a digital input, the bit must be cleared, e.g., CLR P1.5. This
line is active low. Data is received or transmitted in slave mode
only when the SS pin is low, allowing the parts to be used in
single-master, multislave SPI configurations. If CPHA = 1, the
SS input may be permanently pulled low. If CPHA = 0, the SS
input must be driven low before the first bit in a byte-wide
transmission or reception and return high again after the last bit
in that byte-wide transmission or reception. In SPI slave mode,
the logic level on the external SS pin can be read via the SPR0
bit in the SPICON SFR. The SFR registers, described in the
following tables, are used to control the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com