Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 54 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 54 Page - Analog Devices

Back Button OP196 Datasheet HTML 50Page - Analog Devices OP196 Datasheet HTML 51Page - Analog Devices OP196 Datasheet HTML 52Page - Analog Devices OP196 Datasheet HTML 53Page - Analog Devices OP196 Datasheet HTML 54Page - Analog Devices OP196 Datasheet HTML 55Page - Analog Devices OP196 Datasheet HTML 56Page - Analog Devices OP196 Datasheet HTML 57Page - Analog Devices OP196 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 54 of 88
TIME INTERVAL COUNTER (TIC)
A TIC is provided on-chip for counting longer intervals than
the standard 8051 compatible timers are capable of. The TIC is
capable of timeout intervals ranging from 1/128 second to 255
hours. Furthermore, this counter is clocked by the external
32.768 kHz crystal rather than by the core clock, and it has the
ability to remain active in power-down mode and time long
power-down intervals. This has obvious applications for remote
battery-powered sensors where regular widely spaced readings
are required.
Six SFRs are associated with the time interval counter, TIMECON
being its control register. Depending on the configuration of the
IT0 and IT1 bits in TIMECON, the selected time counter regis-
ter overflow clocks the interval counter. When this counter is
equal to the time interval value loaded in the INTVAL SFR, the
TII bit (TIMECON.2) is set and generates an interrupt if enabled.
If the part is in power-down mode, again with TIC interrupt
enabled, the TII bit wakes up the device and resumes code
execution by vectoring directly to the TIC interrupt service
vector address at 0053H. The TIC-related SFRs are described in
Table 24. Note also that the time based SFRs can be written
initially with the current time; the TIC can then be controlled
and accessed by user software. In effect, this facilitates the
implementation of a real-time clock. A block diagram of the
TIC is shown in Figure 56.
The TIC is clocked directly from a 32 kHz external crystal on
the ADuC842/ADuC843 and by the internal 32 kHz ±10% R/C
oscillator on the ADuC841. Due to this, instructions that access
the TIC registers will also be clocked at this speed. The user
should ensure that there is sufficient time between instructions
to these registers to allow them to execute correctly.
8-BIT
PRESCALER
HUNDREDTHS COUNTER
HTHSEC
SECOND COUNTER
SEC
MINUTE COUNTER
MIN
HOUR COUNTER
HOUR
TIEN
INTERVAL TIMEOUT
TIME INTERVAL COUNTER INTERRUPT
8-BIT
INTERVAL COUNTER
TIMER INTVAL
INTVAL
INTERVAL
TIMEBASE
SELECTION
MUX
TCEN
32.768kHz EXTERNAL CRYSTAL
ITS0, 1
COMPARE
COUNT = INTVAL
Figure 56. TIC, Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com