Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 55 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 55 Page - Analog Devices

Back Button OP196 Datasheet HTML 51Page - Analog Devices OP196 Datasheet HTML 52Page - Analog Devices OP196 Datasheet HTML 53Page - Analog Devices OP196 Datasheet HTML 54Page - Analog Devices OP196 Datasheet HTML 55Page - Analog Devices OP196 Datasheet HTML 56Page - Analog Devices OP196 Datasheet HTML 57Page - Analog Devices OP196 Datasheet HTML 58Page - Analog Devices OP196 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 55 of 88
Table 24. TIMECON SFR Bit Designations
Bit No.
Name
Description
7
----
Reserved.
6
TFH
Twenty-Four Hour Select Bit.
Set by the user to enable the hour counter to count from 0 to 23.
Cleared by the user to enable the hour counter to count from 0 to 255.
5
ITS1
Interval Timebase Selection Bits.
4
ITS0
Written by user to determine the interval counter update rate.
ITS1
ITS0
Interval Timebase
0
0
1/128 Second
0
1
Seconds
1
0
Minutes
1
1
Hours
3
STI
Single Time Interval Bit.
Set by the user to generate a single interval timeout. If set, a timeout clears the TIEN bit.
Cleared by the user to allow the interval counter to be automatically reloaded and start counting again at each
interval timeout.
2
TII
TIC Interrupt Bit.
Set when the 8-bit interval counter matches the value in the INTVAL SFR.
Cleared by user software.
1
TIEN
Time Interval Enable Bit.
Set by the user to enable the 8-bit time interval counter.
Cleared by the user to disable the interval counter.
0
TCEN
Time Clock Enable Bit.
Set by the user to enable the time clock to the time interval counters.
Cleared by the user to disable the clock to the time interval counters and reset the time interval SFRs to the last
value written to them by the user. The time registers (HTHSEC, SEC, MIN, and HOUR) can be written while TCEN
is low.
TIMECON
TIC Control Register
SFR Address
A1H
Power-On Default
00H
Bit Addressable
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com