Electronic Components Datasheet Search
  English  ▼

X  

OP196 Datasheet(PDF) 60 Page - Analog Devices

Part # OP196
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 60 Page - Analog Devices

Back Button OP196 Datasheet HTML 56Page - Analog Devices OP196 Datasheet HTML 57Page - Analog Devices OP196 Datasheet HTML 58Page - Analog Devices OP196 Datasheet HTML 59Page - Analog Devices OP196 Datasheet HTML 60Page - Analog Devices OP196 Datasheet HTML 61Page - Analog Devices OP196 Datasheet HTML 62Page - Analog Devices OP196 Datasheet HTML 63Page - Analog Devices OP196 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 60 of 88
Timers/Counters
The ADuC841/ADuC842/ADuC843 have three 16-bit timer/
counters: Timer 0, Timer 1, and Timer 2. The timer/counter
hardware is included on-chip to relieve the processor core of the
overhead inherent in implementing timer/counter functionality
in software. Each timer/counter consists of two 8-bit registers:
THx and TLx (x = 0, 1, and 2). All three can be configured to
operate either as timers or as event counters.
In timer function, the TLx register is incremented every
machine cycle. Thus, one can think of it as counting machine
cycles. Since a machine cycle on a single-cycle core consists of
one core clock period, the maximum count rate is the core clock
frequency.
In counter function, the TLx register is incremented by a 1-to-0
transition at its corresponding external input pin: T0, T1, or T2.
When the samples show a high in one cycle and a low in the
next cycle, the count is incremented. Since it takes two machine
cycles (two core clock periods) to recognize a 1-to-0 transition,
the maximum count rate is half the core clock frequency.
There are no restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled at least once
before it changes, it must be held for a minimum of one full
machine cycle. User configuration and control of all timer
operating modes is achieved via three SFRs:
TMOD, TCON
Control and configuration for
Timers 0 and 1.
T2CON
Control and configuration for
Timer 2.
TMOD
Timer/Counter 0 and 1 Mode
Register
SFR Address
89H
Power-On Default
00H
Bit Addressable
No
Table 28. TMOD SFR Bit Designations
Bit No.
Name
Description
7
Gate
Timer 1 Gating Control.
Set by software to enable Timer/Counter 1 only while the INT1 pin is high and the TR1 control bit is set.
Cleared by software to enable Timer 1 whenever the TR1 control bit is set.
6
C/T
Timer 1 Timer or Counter Select Bit.
Set by software to select counter operation (input from T1 pin).
Cleared by software to select timer operation (input from internal system clock).
5
M1
Timer 1 Mode Select Bit 1 (Used with M0 Bit).
Timer 1 Mode Select Bit 0.
M1
M0
0
0
TH1 operates as an 8-bit timer/counter. TL1 serves as 5-bit prescaler.
0
1
16-Bit Timer/Counter. TH1 and TL1 are cascaded; there is no prescaler.
1
0
8-Bit Autoreload Timer/Counter. TH1 holds a value that is to be reloaded into TL1 each time it
overflows.
4
M0
1
1
Timer/Counter 1 Stopped.
3
Gate
Timer 0 Gating Control.
Set by software to enable Timer/Counter 0 only while the INT0 pin is high and the TR0 control bit is set.
Cleared by software to enable Timer 0 whenever the TR0 control bit is set.
2
C/T
Timer 0 Timer or Counter Select Bit.
Set by software to select counter operation (input from T0 pin).
Cleared by software to select timer operation (input from internal system clock).
1
M1
Timer 0 Mode Select Bit 1.
Timer 0 Mode Select Bit 0.
M1
M0
0
0
TH0 operates as an 8-bit timer/counter. TL0 serves as a 5-bit prescaler.
0
1
16-Bit Timer/Counter. TH0 and TL0 are cascaded; there is no prescaler.
1
0
8-Bit Autoreload Timer/Counter. TH0 holds a value that is to be reloaded into TL0 each time it
overflows.
0
M0
1
1
TL0 is an 8-bit timer/counter controlled by the standard Timer 0 control bits.
TH0 is an 8-bit timer only, controlled by Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com