Electronic Components Datasheet Search
  English  ▼

X  

THS1031CPWR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 24Page - Texas Instruments THS1031CPWR Datasheet HTML 25Page - Texas Instruments THS1031CPWR Datasheet HTML 26Page - Texas Instruments THS1031CPWR Datasheet HTML 27Page - Texas Instruments THS1031CPWR Datasheet HTML 28Page - Texas Instruments THS1031CPWR Datasheet HTML 29Page - Texas Instruments THS1031CPWR Datasheet HTML 30Page - Texas Instruments THS1031CPWR Datasheet HTML 31Page - Texas Instruments THS1031CPWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
driving the THS1301 analog inputs
driving AIN
Figure 32 shows an equivalent circuit for the THS1031 AIN pin. The load presented to the system at the AIN
pin comprises the switched input sampling capacitor, CSAMPLE, and various stray capacitances, CP1 and CP2.
C1
8 pF
AVDD
AGND
CLK
CLK
C2
1.2 pF
1.2 pF
CSAMPLE
VLAST
AIN
_
+
Figure 32. Equivalent Circuit of Analog Input AIN
In any single-ended input mode, VLAST = the average of the previously sampled voltage at AIN and the average
of the voltages on pins REFTS and REFBS. In any differential mode, VLAST = the common mode input voltage.
The external source driving AIN must be able to charge and settle into CSAMPLE and the CP1 and CP2 strays
to within 0.5 LSB error while sampling (CLK pin low) to achieve full ADC resolution.
AIN input current and input load modeling
When CLK goes low, the source driving AIN must charge the total switched capacitance CS = CSAMPLE + CP2.
The total charge transferred depends on the voltage at AIN and is given by
Q
CHARGING +
(AIN
* V
LAST
)
C
S
.
For a fixed voltage at AIN, so that AIN and VLAST do not change between samples, the maximum amount of
charge transfer occurs at AIN = FS– (charging current flows out of THS1030) and AIN = FS+ (current flows into
THS1030). If AIN is held at the voltage FS+, VLAST = [(FS+) + VM]/2, giving a maximum transferred charge:
Q(FS)
+
(FS
)) * [(FS )) ) VM]
2
C
S +
[(FS
)) * VM]
C
S
2
+ (1 4 of the input voltage span)
C
S
If the input voltage changes between samples, then the maximum possible charge transfer is
Q(max)
+ 3
Q(FS)
which occurs for a full-scale input change (FS+ to FS– or FS– to FS+) between samples.
The charging current pulses can make the AIN source jump or ring, especially if the source is slightly inductive
at high frequencies. Inserting a small series resistor of 20
Ω or less in the input path can damp source ringing.
See Figure 33. This resistor can be made larger than 20
Ω if reduced input bandwidth or distortion performance
is acceptable.
(9)
(10)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com